Electronic Components Datasheet Search
  English  ▼

X  

DTC114WE Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # DTC114WE
Description  NPN Small Signal Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DTC114WE Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  DTC114WE Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DTC114WE Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DTC114 WM/WE/WUA/WCA/WSA
NPN Small Signal Transistor
Small Signal Diode
Package
Packing
Marking
SOT-723
8K / 7" Reel
84
SOT-523
3K / 7" Reel
84
SOT-323
3K / 7" Reel
84
SOT-23
3K / 7" Reel
84
TO-92S
3K / 7" Reel
EM
EE
ESA
100
150
300
mW
V
V
°C
Notes:1. Valid provided that electrodes are kept at ambient temperature
Symbol
Min
Typ
Max
Unit
VI(on)
3
VI(off)
0.8
VO(on)
0.1
0.3
V
II
0.88
mA
IO(off)
0.5
μA
GI
24
R1
710
13
KΩ
R2/R1
0.37
0.47
0.57
fT
250
MHz
DTC114 ECA
DTC114 ESA
VIN
Output Current
PD
Type Number
VCC
IO
Units
50
Supply Voltage
Symbol
200
Power Dissipation
Value
EUA
ECA
Part No.
DTC114 WM
DTC114 WE
DTC114 EUA
Output Voltage
IC(MAX)
100
-10~30
Input Voltage
IO/II=10mA/05mA
Condtion
VO=0.3V,IO=2 mA
V
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Junction and Storage Temperature Range
TJ, TSTG
-55 to + 150
Parameter
Input Voltage
50
mA
VI=5V
VCC=50V,VI=0
VO=5V,IO=10mA
VCC=5V,IO=100µA
Ordering Information
VO=10V,IO=5mA,f=100MHz
Input Resistance
Resistance Ratio
Transition Frequency
Output Current
DC Current Gain
Input Current
Features
Built-in bias resistors enable the configuration of an inverter
circuit without connecting external input resistor
(see equivalent circuit).
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code.
Only the on/off conditions need to be set for
operation,marking device design easy.
The bias resistors consist of thin -film resistors with
complete isolation to allow negative biasing of the input.
They also have the advantage of almost completely
eliminating parasitic effects.
Version:A12


Similar Part No. - DTC114WE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC114WE ROHM-DTC114WE Datasheet
81Kb / 4P
Digital transistors (built-in resistors)
logo
Jiangsu Changjiang Elec...
DTC114WE JIANGSU-DTC114WE Datasheet
92Kb / 2P
Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC114WE SECOS-DTC114WE Datasheet
386Kb / 2P
NPN Digital Transistors (Built-in Resistors)
logo
Rohm
DTC114WE ROHM-DTC114WE Datasheet
147Kb / 3P
100mA / 50V Digital transistors (with built-in resistors)
DTC114WE ROHM-DTC114WE Datasheet
87Kb / 4P
100mA / 50V Digital transistors (with built-in resistors)
More results

Similar Description - DTC114WE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MMBT3904 STMICROELECTRONICS-MMBT3904 Datasheet
58Kb / 4P
SMALL SIGNAL NPN TRANSISTOR
Jun-2002
PN2222A STMICROELECTRONICS-PN2222A Datasheet
65Kb / 6P
SMALL SIGNAL NPN TRANSISTOR
Feb-2003
logo
Transys Electronics
2N4124 TRSYS-2N4124 Datasheet
124Kb / 1P
NPN SMALL SIGNAL TRANSISTOR
logo
General Semiconductor
BCX70 GE-BCX70 Datasheet
55Kb / 3P
Small Signal Transistor (NPN)
logo
Taiwan Semiconductor Co...
DTC113 TSC-DTC113 Datasheet
201Kb / 2P
NPN Small Signal Transistor Small Signal Diode
DTC114 TSC-DTC114 Datasheet
434Kb / 3P
NPN Small Signal Transistor Small Signal Diode
DTC143 TSC-DTC143 Datasheet
178Kb / 2P
NPN Small Signal Transistor Small Signal Diode
DTC144 TSC-DTC144 Datasheet
201Kb / 2P
NPN Small Signal Transistor Small Signal Diode
BC846A TSC-BC846A_14 Datasheet
218Kb / 5P
NPN Small Signal Transistor
DTC123YE TSC-DTC123YE Datasheet
764Kb / 5P
NPN Small Signal Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com