Electronic Components Datasheet Search
  English  ▼

X  

LTC1380 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1380
Description  Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1380 Datasheet(HTML) 5 Page - Linear Technology

  LTC1380 Datasheet HTML 1Page - Linear Technology LTC1380 Datasheet HTML 2Page - Linear Technology LTC1380 Datasheet HTML 3Page - Linear Technology LTC1380 Datasheet HTML 4Page - Linear Technology LTC1380 Datasheet HTML 5Page - Linear Technology LTC1380 Datasheet HTML 6Page - Linear Technology LTC1380 Datasheet HTML 7Page - Linear Technology LTC1380 Datasheet HTML 8Page - Linear Technology LTC1380 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1380/LTC1393
TYPICAL PERFOR A CE CHARACTERISTICS
Off Time vs Temperature
QINJ vs VC (Figure 3)
On Time vs Temperature
TEMPERATURE (
°C)
–50
1400
25
1380/93 G11
800
400
–25
0
50
200
0
1600
1200
1000
600
75
100
125
VCC = 2.7V
VEE = 0V
VS = 1.35V
VCC = 5V
VEE = 0V
VS = 2.5V
VCC = 5V
VEE = – 5V
VS = 0V
VC (V)
–5
3.0
4.0
5.0
3
1380/93 G12
2.0
1.0
2.5
3.5
4.5
1.5
0.5
0
–3
–1
1
–4
4
–2
0
2
5
TA = 25°C
VCC = 5V
VEE = –5V
VCC = 2.7V
VEE = 0V
VCC = 5V
VEE = 0V
TEMPERATURE (
°C)
–50
700
25
1380/93 G10
400
200
–25
0
50
100
0
800
600
500
300
75
100
125
VCC = 5V
VEE = – 5V
VS = 0V
VCC = 2.7V
VEE = 0V
VS = 1.35V
VCC = 5V
VEE = 0V
VS = 2.5V
QINJ vs Temperature (Figure 3)
TEMPERATURE (
°C)
–50
0
0.2
0.6
0.8
1.0
2.0
1.4
0
50
75
1380/93 G13
0.4
1.6
1.8
1.2
–25
25
100
125
VCC = 5V
VEE = – 5V
VS = 0V
VCC = 2.7V
VEE = 0V
VS = 1.35V
VCC = 5V
VEE = 0V
VS = 2.5V
Off-Channel Isolation vs Input
Common Mode Voltage (Figure 2)
ICC vs Temperature
TEMPERATURE (
°C)
–50
0
1
3
4
5
10
7
0
50
75
1380/93 G15
2
8
9
6
–25
25
100
125
VCC = 5V
VEE = – 5V
VCC = 2.7V
VEE = 0V
VCC = 5V
VEE = 0V
TEMPERATURE (
°C)
–50
–100
–90
–70
–60
–50
0
–30
0
50
75
1380/93 G16
–80
–20
–10
–40
–25
25
100
125
VCC = 5V
VEE = –5V
VS = 0V
IEE vs Temperature
(Note 5)
VC (V)
–5
–75
–73
–74
–72
–71
–70
–69
–68
–67
–66
–65
3
1380/93 G14
–3
–1
1
5
2
–4
–2
0
4
VCC = 5V
VEE = –5V
VCC = 5V
VEE = 0V
VCC = 2.7V
VEE = 0V
TA = 25°C
VS = 200mVP-P, 100kHz
RL = 1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com