Electronic Components Datasheet Search
  English  ▼

X  

LTC1382 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1382
Description  5V Low Power RS232 Transceiver with Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1382 Datasheet(HTML) 1 Page - Linear Technology

  LTC1382 Datasheet HTML 1Page - Linear Technology LTC1382 Datasheet HTML 2Page - Linear Technology LTC1382 Datasheet HTML 3Page - Linear Technology LTC1382 Datasheet HTML 4Page - Linear Technology LTC1382 Datasheet HTML 5Page - Linear Technology LTC1382 Datasheet HTML 6Page - Linear Technology LTC1382 Datasheet HTML 7Page - Linear Technology LTC1382 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1382
5V Low Power
RS232 Transceiver
with Shutdown
S
FEATURE
DESCRIPTIO
s
Operates from a Single 5V Supply
s
Low Supply Current: ICC = 220µA
s
ICC = 0.2µA in Shutdown Mode
s
ESD Protection Over
±10kV
s
Uses Small Capacitors: 0.1
µF
s
Operates to 120kBaud
s
Output Overvoltage Does Not Force Current
Back into Supplies
s
RS232 I/O Lines Can Be Forced to
±25V
Without Damage
s
Pin Compatible with LT1180A
The LTC1382 is an ultra-low power 2-driver/2-receiver
RS232 transceiver that operates from a single 5V
supply. The charge pump requires only four space-
saving 0.1
µF capacitors.
The transceiver operates in one of two modes, Normal
and Shutdown. In the Normal mode, ICC is only 220µA
with the driver outputs unloaded. In the Shutdown
mode, the charge pump is turned off, the driver outputs
are forced into three-state, both receivers are off and
ICC drops to 0.2µA.
The LTC1382 is fully compliant with all data rate and
overvoltage RS232 specifications. The transceiver can
operate up to 120kbaud with a 2500pF, 3k
Ω load. Both
driver outputs and receiver inputs can be forced to
±25V without damage and can survive multiple ±10kV
ESD strikes.
S
APPLICATI
s
Notebook Computers
s
Palmtop Computers
APPLICATI
TYPICAL
TEMPERATURE (°C)
–20
0
100
200
300
400
600
0
20
40
60
LTC1382 • TA02
80
500
TEST CONDITION: VCC = 5V
0
0.2
0.4
0.6
0.8
1.2
1.0
QUIESCENT
CURRENT
SHUTDOWN
CURRENT
Quiescent and Shutdown Supply Current
vs Temperature
2-Drivers/2-Receivers with Shutdown
LTC1382 • TA01
LTC1382
2
4
0.1
µF
17
VCC = 5V
3
0.1
µF
7
0.1
µF
0.1
µF
5
6
232 OUTPUT
15
8
232 OUTPUT
300k
14
232 INPUT
5k
9
232 INPUT
16
12
11
13
10
LOGIC INPUT
LOGIC INPUT
LOGIC OUTPUT
LOGIC OUTPUT
300k
5k
18
ON/OFF
VCC
VCC


Similar Part No. - LTC1382

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1382 LINER-LTC1382 Datasheet
114Kb / 8P
5V Low Power RS232 Transceiver with Shutdown
LTC1382 LINER-LTC1382 Datasheet
115Kb / 8P
5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1382 LINER-LTC1382 Datasheet
119Kb / 8P
5V Low Power RS232 Transceiver with Shutdown
LTC1382CN LINER-LTC1382CN Datasheet
114Kb / 8P
5V Low Power RS232 Transceiver with Shutdown
LTC1382CSW LINER-LTC1382CSW Datasheet
114Kb / 8P
5V Low Power RS232 Transceiver with Shutdown
More results

Similar Description - LTC1382

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1383 LINER-LTC1383 Datasheet
212Kb / 8P
5V Low Power RS232 Transceiver
LTC1384 LINER-LTC1384 Datasheet
217Kb / 8P
5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1382 LINER-LTC1382_1 Datasheet
114Kb / 8P
5V Low Power RS232 Transceiver with Shutdown
LTC1383 LINER-LTC1383_1 Datasheet
114Kb / 8P
5V Low Power RS232 Transceiver
LTC1384 LINER-LTC1384_1 Datasheet
120Kb / 8P
5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1384IG LINER-LTC1384IG Datasheet
115Kb / 8P
5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LT1341 LINER-LT1341_15 Datasheet
227Kb / 8P
5V RS232 Transceiver with One Receiver Active in Shutdown
LTC1382 LINER-LTC1382_15 Datasheet
119Kb / 8P
5V Low Power RS232 Transceiver with Shutdown
LTC1383 LINER-LTC1383_15 Datasheet
120Kb / 8P
5V Low Power RS232 Transceiver
LTC1384 LINER-LTC1384_15 Datasheet
126Kb / 8P
5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com