Electronic Components Datasheet Search
  English  ▼

X  

LLZ20 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # LLZ20
Description  Hermetically Sealed Glass Zener Voltage Regulators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LLZ20 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  LLZ20 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LLZ20 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LLZ20 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd LLZ20 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS ( T
A= 25
oC unless otherwise noted )
LLZ2V4
2.4
5
100
120
1.0
LLZ2V7
2.7
5
110
100
1.0
LLZ3V0
3.0
5
120
50
1.0
LLZ3V3
3.3
5
120
20
1.0
LLZ3V6
3.6
5
100
10
1.0
LLZ3V9
3.9
5
100
5
1.0
LLZ4V3
4.3
5
100
5
1.0
LLZ4V7
4.7
5
80
5
1.0
LLZ5V1
5.1
5
80
5
1.5
LLZ5V6
5.6
5
60
5
2.5
LLZ6V2
6.2
5
60
5
3.0
LLZ6V8
6.8
5
20
2.0
3.5
LLZ7V5
7.5
5
20
0.5
4.0
LLZ8V2
8.2
5
20
0.5
5.0
LLZ9V1
9.1
5
25
0.5
6.0
LLZ10
10.0
5
30
0.2
7.0
LLZ11
11.0
5
30
0.2
8.0
LLZ12
12
5
30
0.2
9.0
LLZ13
13
5
35
0.2
10.0
LLZ15
15
5
40
0.2
11.0
LLZ16
16
5
40
0.2
12.0
LLZ18
18
5
45
0.2
13
LLZ20
20
5
45
0.2
15
LLZ22
22
5
30
0.2
17
LLZ24
24
5
35
0.2
19
LLZ27
27
5
45
0.2
21
LLZ30
30
5
55
0.2
23
LLZ33
33
5
65
0.2
25
LLZ36
36
5
75
0.2
27
LLZ39
39
5
85
0.2
30
LLZ43
43
5
90
0.2
33
LLZ47
47
5
90
0.2
36
LLZ51
51
5
110
0.2
39
LLZ56
56
5
110
0.2
43
LLZ62
62
2
201
0.2
47
LLZ68
68
2
230
0.2
51
LLZ75
75
2
240
0.2
56
Notes : 1. The type numbers listed have zener voltage as shown and have a standard tolerance
on the nominal zener voltage of ±5%.
2. For detailed information on price, availability and deliver of nominal zener voltages
between the voltages shown and tighter voltage tolerances, contact your nearest
Taiwan Semiconductor representative.
3. The zener impedance is derived from the 60-cycle ac voltage, which results when an
ac current having an RMS value equal to 10% of the dc zener current (IZT or IZK)
is superimposed to IZT or IZK.
Document Number: DS_S1408019
Version: D15
Vz @ IZT
(Volts)
Nom
IZT
(mA)
Device
VR
(Volts)
LLZ2V4 - LLZ75
Taiwan Semiconductor
Small Signal Product
ZZT @ IZT
(Ω)
Max.
IR @ VR
(μA)
Max.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com