Electronic Components Datasheet Search
  English  ▼

X  

LLZ22 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # LLZ22
Description  Hermetically Sealed Glass Zener Voltage Regulators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LLZ22 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  LLZ22 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LLZ22 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LLZ22 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd LLZ22 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Small Signal Product
CREAT BY ART
- Zener voltage range 2.4 to 75 volts
- Ideal for automated placement
- Hermetically sealed glass
- Compression bonded construction
- All external surfaces are corrosion
resistant and leads are readily solderable
- RoHS compliant
- Matte Tin (Sn) lead finish
- Blue color band indicates negative polarity
SYMBOL
UNIT
PD
mW
Forward Voltage
IF = 200 mA
VF
V
TJ, TSTG
oC
Document Number: DS_S1408019
Version: D15
Storage Temperature Range
- 65 to +200
LLZ2V4 - LLZ75
Taiwan Semiconductor
Hermetically Sealed Glass Zener Voltage Regulators
FEATURES
MINI MELF
500
1.2
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
Power Dissipation
PARAMETER
VALUE


Similar Part No. - LLZ22

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
LLZ22 MCC-LLZ22 Datasheet
630Kb / 6P
500mW Silicon Zener Diodes
logo
Taiwan Semiconductor Co...
LLZ22 TSC-LLZ22 Datasheet
76Kb / 3P
500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Micro Commercial Compon...
LLZ22 MCC-LLZ22 Datasheet
392Kb / 7P
500mW Silicon Zener Diodes
LLZ22A MCC-LLZ22A Datasheet
630Kb / 6P
500mW Silicon Zener Diodes
LLZ22B MCC-LLZ22B Datasheet
630Kb / 6P
500mW Silicon Zener Diodes
More results

Similar Description - LLZ22

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LLZ5221B TSC-LLZ5221B Datasheet
129Kb / 3P
500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Shenzhen Luguang Electr...
BZX55C2V0 LUGUANG-BZX55C2V0 Datasheet
78Kb / 2P
500mW Hermetically Sealed Glass Zener Voltage Regulators
BZX55C LUGUANG-BZX55C Datasheet
81Kb / 2P
500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
1N47XXAG SECOS-1N47XXAG_15 Datasheet
218Kb / 2P
Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ5221B TSC-LLZ5221B_15 Datasheet
230Kb / 4P
Hermetically Sealed Glass Zener Voltage Regulators
ZM4728A TSC-ZM4728A_14 Datasheet
220Kb / 4P
Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
VLZ SECOS-VLZ_15 Datasheet
416Kb / 5P
Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
BZX55C2V4RL ONSEMI-BZX55C2V4RL Datasheet
252Kb / 10P
Hermetically Sealed Glass Zener Voltage Regulators
August, 2006 ??Rev. 1
logo
SeCoS Halbleitertechnol...
VLZ SECOS-VLZ Datasheet
422Kb / 5P
Hermetically Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
1N47XXAG SECELECTRONICS-1N47XXAG Datasheet
218Kb / 2P
Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com