Electronic Components Datasheet Search
  English  ▼

X  

LTC1387 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1387
Description  Single 5V RS232/RS485 Multiprotocol Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1387 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1387 Datasheet HTML 4Page - Linear Technology LTC1387 Datasheet HTML 5Page - Linear Technology LTC1387 Datasheet HTML 6Page - Linear Technology LTC1387 Datasheet HTML 7Page - Linear Technology LTC1387 Datasheet HTML 8Page - Linear Technology LTC1387 Datasheet HTML 9Page - Linear Technology LTC1387 Datasheet HTML 10Page - Linear Technology LTC1387 Datasheet HTML 11Page - Linear Technology LTC1387 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LTC1387
S
APPLICATI
I FOR ATIO
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Figure 14. Full-Duplex RS232 (1-Channel), Half-Duplex RS485
RA
RB
DY
DZ
A
B
Y
Z
RA
RB
DY
DZ/SLEW
ON
VCC
RXEN
DXEN
485/232
CONTROLLER
DX
RXEN
DXEN
MODE
INTERFACE
A
B
Y
Z
RS232
RS485
RS232
RS485
RS485
RS485
RS232
RS485
SHUTDOWN
MODE
MODE
MODE
RXEN = 1
RXEN = 1
RXEN = 0
DXEN = 1
DXEN = 1
DXEN = 0
MODE = 0
MODE = 1
MODE = X
1387 • F15
LTC1387
RX
RXD
TXD
Figure 15. Full-Duplex RS232 (1-Channel), Full-Duplex RS485/RS422
Figure 16. Full-Duplex RS232 (2-Channel), Full-Duplex RS485/RS422 with SLEW Control
RA
RB
DY
DZ
A
B
Y
Z
RA
RB
DY
DZ/SLEW
ON
RXEN
DXEN
485/232
CONTROLLER
DX1
DX2/SLEW
ON
RXEN
DXEN
MODE
INTERFACE
A
B
Y
Z
RS232
RS485
RS232
RS485
RS485
RS485
RS232
RS485
SHUTDOWN
MODE
MODE
MODE
ON = 1
ON = 1
ON = 0
RXEN = 1
RXEN = 1
RXEN = 0
DXEN = 1
DXEN = 1
DXEN = 0
MODE = 0
MODE = 1
MODE = X
1387 • F16
LTC1387
RX1
RX2
RXD
RS232
CTS
TXD
RS232
RTS
RA
RB
DY
DZ
A
B
Y
Z
RA
RB
DY
DZ/SLEW
ON
VCC
RXEN
DXEN
485/232
CONTROLLER
DX
RXEN
DXEN
MODE
INTERFACE
A
B
RS232
RS232
RS485
RS485
RS232
RS485
RS485
SHUTDOWN
MODE
TRANSMIT MODE
RECEIVE MODE
MODE
RXEN = 1
RXEN = 0
RXEN = 1
RXEN = 0
DXEN = 0
DXEN = 1
DXEN = 0
DXEN = 0
MODE = 0
MODE = 1
MODE = 1
MODE = 0
1387 • F14
LTC1387
RX
TXD
RXD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com