Electronic Components Datasheet Search
  English  ▼

X  

LTC1391 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1391
Description  8-Channel Analog Multiplexer with Cascadable Serial Interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1391 Datasheet(HTML) 4 Page - Linear Technology

  LTC1391 Datasheet HTML 1Page - Linear Technology LTC1391 Datasheet HTML 2Page - Linear Technology LTC1391 Datasheet HTML 3Page - Linear Technology LTC1391 Datasheet HTML 4Page - Linear Technology LTC1391 Datasheet HTML 5Page - Linear Technology LTC1391 Datasheet HTML 6Page - Linear Technology LTC1391 Datasheet HTML 7Page - Linear Technology LTC1391 Datasheet HTML 8Page - Linear Technology LTC1391 Datasheet HTML 9Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
LTC1391
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
–40
–20
300
250
200
150
100
50
0
80
1391 G01
0
20
40
60
V+ = 2.7V
V – = 0V
VS = 1.2V
V+ = 5V
V – = –5V
VS = 0V
On-Resistance vs Temperature
TEMPERATURE (
°C)
–40
0.65
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
60
1391 G03
–20
020
40
80
V+ = 5V
V – = –5V
IO = 1.8mA
V+ = 2.7V
V – = 0V
IO = 400µA
OUTPUT CURRENT (mA)
0
0.4
0.8 1.0
2.0
1.8
1391 G02
0.2
0.6
1.2 1.4 1.6
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
TA = 25°C
V+ = 2.7V
V – = 0V
V+ = 5V
V – = –5V
Driver Output Low Voltage
vs Output Current
Driver Output Low Voltage
vs Temperature
OUTPUT VOLTAGE (V)
2.0
2.5
3.0
4.0
3.5
4.5
5.0
1391 G04
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
–4.0
V+ = 5V
V – = –5V
TA =25°C
V+ = 2.7V
V – = 0V
TEMPERATURE (
°C)
–40
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
60
1391 G05
–20
020
40
80
V+ = 5V
V – = –5V
IO = 1.6mA
V+ = 2.7V
V – = 0V
IO = 400µA
PIN FUNCTIONS
S0, S1, S2, S3, S4, S5, S6, S7 (Pins 1, 2, 3, 4, 5, 6, 7,
8): Analog Multiplexer Inputs.
GND (Pin 9): Digital Ground. Connect to system ground.
CLK (Pin 10): System Clock (TTL/CMOS Compatible). The
clock synchronizes the channel selection bits and the
serial data transfer from DIN to DOUT.
CS (Pin 11): Channel Select Input (TTL/CMOS Compat-
ible). A logic high on this input enables the LTC1391 to
read in the channel selection bits and allows digital data
transfer from DIN to DOUT. A logic low on this input puts
DOUT into three-state and enables the selected channel for
analog signal transmission.
DIN (Pin 12): Digital Input (TTL/CMOS Compatible). Input
for the channel selection bits.
DOUT (Pin 13): Digital Output (TTL/CMOS Compatible).
Output from the internal shift register.
V – (Pin 14): Negative Supply.
D (Pin 15): Analog Multiplexer Output.
V + (Pin 16): Positive Supply.
Driver Output High Voltage
vs Output Current
Driver Output High Voltage
vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com