Electronic Components Datasheet Search
  English  ▼

X  

MMST3904 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMST3904
Description  60V NPN SMALL SIGNAL TRANSISTOR IN SOT323
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMST3904 Datasheet(HTML) 2 Page - Diodes Incorporated

  MMST3904_15 Datasheet HTML 1Page - Diodes Incorporated MMST3904_15 Datasheet HTML 2Page - Diodes Incorporated MMST3904_15 Datasheet HTML 3Page - Diodes Incorporated MMST3904_15 Datasheet HTML 4Page - Diodes Incorporated MMST3904_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMST3904
Document number: DS30082 Rev. 12 - 2
2 of 5
www.diodes.com
October 2014
© Diodes Incorporated
MMST3904
Absolute Maximum Ratings (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
200
mA
Thermal Characteristics (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 6)
Pd
200
mW
Thermal Resistance, Junction to Ambient (Note 6)
RJA
625
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
ESD Ratings (Note 7)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
4,000
V
3A
Electrostatic Discharge - Machine Model
ESD MM
400
V
C
Electrical Characteristics (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Collector-Base Breakdown Voltage
BVCBO
60
V
IC = 10µA, IE = 0
Collector-Emitter Breakdown Voltage
BVCEO
40
V
IC = 1mA, IB = 0
Emitter-Base Breakdown Voltage
BVEBO
5
V
IE = 10µA, IC = 0
Collector Cutoff Current
ICEX
50
nA
VCE = 30V, VEB(OFF) = 3V
Base Cutoff Current
IBL
50
nA
VCE = 30V, VEB(OFF) = 3V
ON CHARACTERISTICS (Note 8)
DC Current Gain
hFE
40
70
100
60
30


300


IC = 100uA, VCE = 1V
IC = 1mA, VCE = 1V
IC = 10mA, VCE = 1V
IC = 50mA, VCE = 1V
IC = 100mA, VCE = 1V
Collector-Emitter Saturation Voltage
VCE(sat)
0.25
0.30
V
IC = 10mA, IB = 1mA
IC = 50mA, IB = 5mA
Base-Emitter Saturation Voltage
VBE(sat)
0.65

0.85
0.95
V
IC = 10mA, IB = 1mA
IC = 50mA, IB = 5mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
4
pF
VCB = 5V, f = 1.0MHz, IE = 0
Input Capacitance
Cibo
8
pF
VEB = 0.5V, f = 1.0MHz, IC = 0
Input Impedance
hie
1
10
kΩ
VCE = 10V, IC = 1mA,
f = 1.0MHz
Voltage Feedback Ratio
hre
0.5
8.0
x 10
-4
Small Signal Current Gain
hfe
100
400
Output Admittance
hoe
1
40
µS
Current Gain-Bandwidth Product
fT
300
MHz VCE = 20V, IC = 10mA,
f = 100MHz
Noise Figure
NF
5
dB
VCC = 5V, IC = 100A,
RS = 1kΩ, f = 1MHz
SWITCHING CHARACTERISTICS
Delay Time
td
35
ns
VCC = 3V, IC = 10mA,
VBE(OFF) = -0.5V, IB1 = 1mA
Rise Time
tr
35
ns
Notes:
6. For a device mounted with the collector lead on minimum recommended pad layout 1oz copper that is on a single-sided 1.6mm FR4 PCB; device is
measured under still air conditions whilst operating in a steady-state.
7. Refer to JEDEC specification JESD22-A114 and JESD22-A115.
8. Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com