Electronic Components Datasheet Search
  English  ▼

X  

LTC1400 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1400
Description  Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1400 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1400 Datasheet HTML 12Page - Linear Technology LTC1400 Datasheet HTML 13Page - Linear Technology LTC1400 Datasheet HTML 14Page - Linear Technology LTC1400 Datasheet HTML 15Page - Linear Technology LTC1400 Datasheet HTML 16Page - Linear Technology LTC1400 Datasheet HTML 17Page - Linear Technology LTC1400 Datasheet HTML 18Page - Linear Technology LTC1400 Datasheet HTML 19Page - Linear Technology LTC1400 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LTC1400
TYPICAL APPLICATIONS
LTC1400 Interface to ADSP2181’s SPORT0 (Frame Sync is Generated from RFS0)
Logic Analyzer Waveforms Show 2.88
µs Throughput Rate (Input Voltage = 2.240V, Output Code = 1000 1100 0000 = 224010)
Data from LTC1400 (Normal Mode)
D0
X
X
D1
D2
D4
D5
D3
RDY
X
D11 D10
D9
D8
D7
D6
LTC1400 • TA05c
Data Stored in ADSP2181’s Memory (Normal Mode, SLEN = D)
D2
D1
D0
D3
D4
D6
D7
D5
0
0
0
RDY D11 D10
D9
D8
LTC1400 • TA05d
AIN
VSS
VCC
VREF
CLK
CONV
DOUT
GND
SCLKO
RFSO
DR0
LTC1400
ADSP2181
UNIPOLAR
INPUT
+
10
µF
0.1
µF
+
10
µF
5V
0.1
µF
1
2
3
84
6
7
5
LTC1400 • TA05a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com