Electronic Components Datasheet Search
  English  ▼

X  

UGF12JD Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # UGF12JD
Description  12A, 600V Isolated Ultrafast Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UGF12JD Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  UGF12JD Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UGF12JD Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UGF12JD Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd UGF12JD Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UGF12JD
Taiwan Semiconductor
CREAT BY ART
- Ideal Solution for hard switching condition
- High surge current capability
- High operation temperature to TJ 175°C
- Halogen-free according to IEC 61249-2-21 definition
- AEC-Q101 qualified (Green compound not involved)
Molding compound, UL flammability classification rating 94V-0
Part no. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
SYMBOL
UNIT
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
Qrr
nC
IRM
A
RθJC
°C/W
TJ
°C
TSTG
°C
Document Number: DS_D0000081
Version: A15
- 55 to +175
- 55 to +175
TYP
MAX
90
-
3.8
TYP
MAX
13
25
ns
IF=0.5A, IR=1A, IRR=0.25A, TJ=25°C
IF=1A, dIF/dt=-50A/μs, VR=30V, TJ=25°C
12A, 600V Isolated Ultrafast Rectifier
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
ITO-220AC
- Especially suited as boost diode
on continuous mode power factor correctors
- High capability for high di/dt operation.
Downsizing of mosfet and heatsink.
DESCRIPTION
Especially suited as free wheeling or boost diode in continuous mode
power factor correctors and other power switching applications.
The low stored charge and ultrafast soft recovery minimizes ringing and
electrical noise in power switching circuits. The family drastically cuts losses
in the associated MOSFET when run at high dIF/dt.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
Case:
ITO-220AC
Polarity:
As marked
Mounting torque:
0.56 Nm max.
Weight:
1.7 g (approximately)
UGF12JD
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
12
600
420
600
Peak forward surge current, 8.3 ms single half
sine-wave superimposed on rated load
IFSM
100
A
IR
μA
0.5
-
Maximum reverse current @ rated VR
TJ=25°C
4.6
V
Maximum instantaneous forward voltage (Note 1)
IF=12A
VF
TYP
MAX
3.1
TJ=125°C
100
trr
Storage temperature range
Note 1: Pulse Test with PW=300μs, 1% Duty Cycle
Reverse recovery time
IF=12A, dIF/dt=-200A/µs, VR=400V, TJ=125°C
Typical thermal resistance
2.4
Operating junction temperature range
-45
Reverse recovery charges
1
2


Similar Part No. - UGF12JD

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UGF12J TSC-UGF12J Datasheet
214Kb / 2P
12.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
UGF12J TSC-UGF12J Datasheet
232Kb / 3P
12.0AMPS. Isolated Ultra Fast Rectifiers
logo
Vishay Siliconix
UGF12JT VISHAY-UGF12JT Datasheet
55Kb / 3P
Ultrafast Rectifiers
30-Jul-02
UGF12JT VISHAY-UGF12JT Datasheet
143Kb / 5P
High Voltage Ultrafast Rectifier
09-Nov-07
UGF12JT-E3/45 VISHAY-UGF12JT-E3/45 Datasheet
143Kb / 5P
High Voltage Ultrafast Rectifier
09-Nov-07
More results

Similar Description - UGF12JD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFPF20UP60DN FAIRCHILD-FFPF20UP60DN Datasheet
241Kb / 5P
20A, 600V Ultrafast Rectifier
FFH60UP60S3 FAIRCHILD-FFH60UP60S3 Datasheet
490Kb / 6P
60A, 600V Ultrafast Rectifier
FFH60UP60S FAIRCHILD-FFH60UP60S_11 Datasheet
291Kb / 7P
60A, 600V Ultrafast Rectifier
RURG3060_F085 FAIRCHILD-RURG3060_F085 Datasheet
276Kb / 6P
30A, 600V Ultrafast Rectifier
RURG3060CC_F085 FAIRCHILD-RURG3060CC_F085 Datasheet
256Kb / 6P
30A, 600V Ultrafast Rectifier
RURG8060_F085 FAIRCHILD-RURG8060_F085 Datasheet
546Kb / 6P
80A, 600V Ultrafast Rectifier
RURP1560_F085 FAIRCHILD-RURP1560_F085 Datasheet
472Kb / 6P
15A, 600V Ultrafast Rectifier
logo
KODENSHI_AUK CORP.
SFN30W600W2 KODENSHI-SFN30W600W2 Datasheet
241Kb / 5P
600V, 30A ULTRAFAST RECTIFIER
SFN60W600W2 KODENSHI-SFN60W600W2 Datasheet
243Kb / 5P
600V, 60A ULTRAFAST RECTIFIER
logo
Taiwan Semiconductor Co...
UF5JFC TSC-UF5JFC Datasheet
300Kb / 5P
5A, 600V Ultrafast Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com