Electronic Components Datasheet Search
  English  ▼

X  

P6SMB100 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # P6SMB100
Description  600W, 6.8V - 220V Surface Mount Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P6SMB100 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  P6SMB100 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P6SMB100 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P6SMB100 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P6SMB100 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd P6SMB100 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd P6SMB100 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Min
Max
Min
Max
A
1.95
2.10
0.077
0.083
B
4.25
4.75
0.167
0.187
C
3.48
3.73
0.137
0.147
D
1.99
2.61
0.078
0.103
E
0.90
1.41
0.035
0.056
F
5.10
5.30
0.201
0.209
G
0.10
0.20
0.004
0.008
H
0.15
0.31
0.006
0.012
P/N =
Device Marking Code
G =
Green Compound
YW =
Date Code
F =
Factory Code
Document Number: DS_D1409032
Version: L15
MARKING DIAGRAM
D
1.8
0.071
E
6.8
0.268
B
2.5
0.098
C
4.3
0.169
SUGGESTED PAD LAYOUT
Symbol
Unit (mm)
Unit (inch)
A
2.3
0.091
P6SMB SERIES
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
DO-214AA (SMB)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com