Electronic Components Datasheet Search
  English  ▼

X  

UGF2007G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # UGF2007G
Description  Isolated Ultra Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UGF2007G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  UGF2007G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UGF2007G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UGF2007G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd UGF2007G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- High efficiency, low VF
- High current capability
- High reliability
- High surge current capability
- UL Recognized File # E-326243
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
Trr
ns
RθJC
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1310026
Version: A14
UGF2004G thru UGF2008G
Taiwan Semiconductor
Isolated Ultra Fast Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
ITO-220AB
Polarity:
As marked
ITO-220AB
DESCRIPTION
- UGF200xG series are ideal devices for free wheeling function in switching
mode power supply and high frequency DC/DC converters
- UGF200xG series: their low stored charge and ultrafast soft recovery minimizes
ringing and electrical noise in power switching circuits reducing power loss
Mounting torque:
5 in-lbs maximum
Weight:
1.7g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
UGF
2004G
UGF
2005G
UGF
2006G
UGF
2007G
UGF
2008G
UNIT
Maximum repetitive peak reverse voltage
200
300
400
500
600
Maximum RMS voltage
140
210
280
350
420
Maximum DC blocking voltage
200
300
400
500
600
Maximum average forward rectified current
20
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
150
A
Maximum instantaneous forward voltage (Note 1)
IF= 10 A
VF
0.95
1.25
1.70
V
Maximum reverse current @ rated VR
TJ=25 ℃
TJ=125 ℃
IR
5
μA
100
Maximum reverse recovery time (Note 2)
20
25
Note 1: Pulse Test with PW=300 μsec, 1% Duty Cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Typical thermal resistance
2
Operating junction temperature range
- 55 to +175
- 55 to +150
Storage temperature range
- 55 to +175
- 55 to +150


Similar Part No. - UGF2007G

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
UGF2008 ISC-UGF2008 Datasheet
272Kb / 2P
Ultra fast Rectifier
More results

Similar Description - UGF2007G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
UF4001 HY-UF4001 Datasheet
35Kb / 2P
ULTRA FAST RECTIFIERS
UF5001 HY-UF5001 Datasheet
40Kb / 2P
ULTRA FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
UGF1004G TSC-UGF1004G Datasheet
238Kb / 3P
10.0AMPS. Isolated Glass Passivated Ultra Fast Rectifiers
UGF1004GA TSC-UGF1004GA Datasheet
221Kb / 3P
Isolated Ultra Fast Rectifiers
UGF8JD TSC-UGF8JD Datasheet
147Kb / 4P
Isolated Ultra Fast Rectifier
UGF12J TSC-UGF12J_13 Datasheet
232Kb / 3P
12.0AMPS. Isolated Ultra Fast Rectifiers
UGF1004G TSC-UGF1004G_14 Datasheet
225Kb / 4P
Isolated Ultra Fast Rectifiers
logo
Thinki Semiconductor Co...
MUR8120F THINKISEMI-MUR8120F Datasheet
775Kb / 3P
8.0 Amperes/1200Volts Isolated Package Ultra Fast Recovery Rectifiers
MURF8120G THINKISEMI-MURF8120G Datasheet
1,018Kb / 3P
8.0 Amperes/1200Volts Isolated Package Ultra Fast Recovery Rectifiers
logo
Inchange Semiconductor ...
UGF8JD ISC-UGF8JD Datasheet
286Kb / 2P
Isolated Ultra Fast Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com