Electronic Components Datasheet Search
  English  ▼

X  

LTC1409 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1409
Description  12-Bit, 800ksps Sampling A/D Converter with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1409 Datasheet(HTML) 5 Page - Linear Technology

  LTC1409 Datasheet HTML 1Page - Linear Technology LTC1409 Datasheet HTML 2Page - Linear Technology LTC1409 Datasheet HTML 3Page - Linear Technology LTC1409 Datasheet HTML 4Page - Linear Technology LTC1409 Datasheet HTML 5Page - Linear Technology LTC1409 Datasheet HTML 6Page - Linear Technology LTC1409 Datasheet HTML 7Page - Linear Technology LTC1409 Datasheet HTML 8Page - Linear Technology LTC1409 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC1409
Note 11: The falling CONVST edge starts a conversion. If CONVST returns
high at a critical point during the conversion it can create small errors. For
best results ensure that CONVST returns high either within 650ns after
conversion start or after BUSY rises.
TI I G CHARACTERISTICS
Note 12: Signal-to-noise ratio (SNR) is measured at 100kHz and distortion
is measured at 400kHz. These results are used to calculate signal-to-noise
plus distortion (SINAD).
TYPICAL PERFORMANCE CHARACTERISTICS
S/(N + D) vs Input Frequency
and Amplitude
INPUT FREQUENCY (Hz)
1k
80
70
60
50
40
30
20
10
0
10k
100k
LTC1409 • TPC01
1M
10M
VIN = 0dB
VIN = 20dB
VIN = 60dB
INPUT FREQUENCY (Hz)
1k
80
70
60
50
40
30
20
10
0
10k
100k
LTC1409 • TPC02
1M
10M
Signal-to-Noise Ratio vs
Input Frequency
Spurious-Free Dynamic Range vs
Input Frequency
INPUT FREQUENCY (Hz)
10k
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
100k
1M
10M
LTC1409 • TPC04
Distortion vs Input Frequency
INPUT FREQUENCY (Hz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
1k
100k
1M
10M
LTC1409 • TPC03
10k
THD
3RD
2ND
Intermodulation Distortion Plot
FREQUENCY (Hz)
0
0
–20
–40
–60
–80
–100
–120
100k
200k
300k
400k
LTC1409 • TPC05
50k
150k
250k
350k
fb – fa
2fb – fa
2fa – fb
2fa
2fb
3fb
fa + 2fb
3fa
2fa + fb
fSAMPLE = 800kHz
fIN1 = 88.19580078kHz
fIN2 = 111.9995117kHz
fa + fb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com