Electronic Components Datasheet Search
  English  ▼

X  

UR2KB60 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # UR2KB60
Description  Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UR2KB60 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  UR2KB60 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UR2KB60 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UR2KB60 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd UR2KB60 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
UR2KB60
UR2KB60
(TA=25℃ unless otherwise noted)
Document Number: DS_D1312017
Version: J13
EXAMPLE
ORDERING INFORMATION
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
PACKING
UR2KBx0
(Note 1)
DESCRIPTION
UR2KB60 C2G
C2
G
Green compound
C2
Suffix "G"
D3K
1,500 / BOX
Note 1: "x" defines voltage from 600V (UR2KB60) to 1000V (UR2KB100)
RATINGS AND CHARACTERISTICS CURVES
UR2KB60 thru UR2KB100
Taiwan Semiconductor
UR2KB60 C2
C2
PREFERRED P/N
PACKING CODE
GREEN COMPOUND
CODE
0
0.4
0.8
1.2
1.6
2
2.4
0
20
40
60
80
100
120
140
160
AMBIENT TEMPERATURE (oC)
FIG.1 MAXIMUM DERATING CURVE FOR OUTPUT
CURRENT
Without Heat sink
With Heat sink
0
10
20
30
40
50
60
70
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG.2 MAXIMUM FORWARD SURGE CURRENT
8.3ms Single
Half Sine-Wave
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 3 TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=125℃
0.1
1
10
100
0.4
0.6
0.8
1
1.2
1.4
1.6
INSTANTANEOUS FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
TJ=25℃
TJ=125℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com