Electronic Components Datasheet Search
  English  ▼

X  

RLTMRL-722 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # RLTMRL-722
Description  Infrared Diode Pumped Solid State Laser
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RLTMRL-722 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  RLTMRL-722 Datasheet HTML 1Page - Roithner LaserTechnik GmbH RLTMRL-722 Datasheet HTML 2Page - Roithner LaserTechnik GmbH RLTMRL-722 Datasheet HTML 3Page - Roithner LaserTechnik GmbH RLTMRL-722 Datasheet HTML 4Page - Roithner LaserTechnik GmbH RLTMRL-722 Datasheet HTML 5Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
07.12.2010
RLTMRL-722 1-50 mW
1 of 5
Infrared Diode Pumped Solid State Laser
All solid state 722 nm infrared laser featuring compact size, long lifetime, low cost, and easy operatability,
which is widely used for measurment, spectrum analysis, scientific experiment, etc.
Specifications
Wavelength
722 ±1 nm
Output Power
1 - 50 mW
Transverse Mode
TEM00
Operating Mode
CW
Power Stability (rms, over 4 hours)
< 5%, < 10%
Warm-up time
< 10 min
M² factor
< 1.2
Beam Divergence (full angle)
< 1.5 mrad
Beam Diameter (at the aperature)
~ 2.0 mm
Beam Height (from base plate)
29 mm
Polarization ratio
> 100:1 (0 or 90 degree)
Pointing stability after warm up
< 0.05
Operating Temperature
10 - 35 °C
Power Supply (90-260VAC)
PSU-FDA (included)
Expected Lifetime
10000 hours
Warranty period
1 year
Options
PSU-LED (90-260VAC)
Power supply featuring adjustable ouptut power and current
display
PSU-OEM (5VDC)
DC power supply for system integration
Fiber coupling
Multi mode/single mode fiber, SMA-905/FC connector
RLTMRL-722 1-50 mW


Similar Part No. - RLTMRL-722

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLTMRL-3-635 ROITHNER-RLTMRL-3-635 Datasheet
205Kb / 5P
Red Diode Laser
RLTMRL-3-655 ROITHNER-RLTMRL-3-655 Datasheet
195Kb / 1P
red diode laser
RLTMRL-655R ROITHNER-RLTMRL-655R Datasheet
217Kb / 5P
Red Diode Laser
RLTMRL-660 ROITHNER-RLTMRL-660 Datasheet
226Kb / 4P
Red Diode Pumped Solid State Laser
RLTMRL-671 ROITHNER-RLTMRL-671 Datasheet
302Kb / 4P
Green Diode Pumped Solid State Laser
More results

Similar Description - RLTMRL-722

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLTMBL-457 ROITHNER-RLTMBL-457 Datasheet
323Kb / 4P
Green Diode Pumped Solid State Laser
RLTMBL-H-473 ROITHNER-RLTMBL-H-473 Datasheet
226Kb / 5P
Blue Diode Pumped Solid State Laser
RLTMGL-593 ROITHNER-RLTMGL-593 Datasheet
196Kb / 5P
Yellow Diode Pumped Solid State Laser
RLTCO-1064-50W ROITHNER-RLTCO-1064-50W Datasheet
140Kb / 2P
High Power Infrared Diode Pumped Solid State Laser
RLTCO-1064-75W ROITHNER-RLTCO-1064-75W Datasheet
140Kb / 2P
High Power Infrared Diode Pumped Solid State Laser
RLTCO-1064-100W ROITHNER-RLTCO-1064-100W Datasheet
140Kb / 2P
High Power Infrared Diode Pumped Solid State Laser
RLTCO-1064-200W ROITHNER-RLTCO-1064-200W Datasheet
143Kb / 2P
High Power Infrared Diode Pumped Solid State Laser
RLTCO-1064-300W ROITHNER-RLTCO-1064-300W Datasheet
153Kb / 2P
High Power Infrared Diode Pumped Solid State Laser
RLTCO-1064-400W ROITHNER-RLTCO-1064-400W Datasheet
153Kb / 2P
High Power Infrared Diode Pumped Solid State Laser
RLTCO-1064-500W ROITHNER-RLTCO-1064-500W Datasheet
153Kb / 2P
High Power Infrared Diode Pumped Solid State Laser
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com