Electronic Components Datasheet Search
  English  ▼

X  

LTC1420 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1420
Description  12-Bit, 10Msps, Sampling ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1420 Datasheet(HTML) 5 Page - Linear Technology

  LTC1420 Datasheet HTML 1Page - Linear Technology LTC1420 Datasheet HTML 2Page - Linear Technology LTC1420 Datasheet HTML 3Page - Linear Technology LTC1420 Datasheet HTML 4Page - Linear Technology LTC1420 Datasheet HTML 5Page - Linear Technology LTC1420 Datasheet HTML 6Page - Linear Technology LTC1420 Datasheet HTML 7Page - Linear Technology LTC1420 Datasheet HTML 8Page - Linear Technology LTC1420 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC1420
TYPICAL PERFOR A CE CHARACTERISTICS
S/(N+D) vs Input Frequency
and Amplitude
INPUT FREQUENCY (MHz)
0.1
60
65
1420 G01
55
50
1
10
100
75
70
VIN = 0dB
VIN = –6dB
VIN = –20dB
DUAL SUPPLIES
±2.048V RANGE
GAIN = 1
×
INPUT FREQUENCY (MHz)
0.1
60
65
1420 G02
55
50
1
10
100
75
70
VIN = 0dB
VIN = –6dB
VIN = –20dB
SINGLE SUPPLY
±1.024V RANGE
GAIN = 2
×
INPUT AMPLITUDE (dBFS)
–50
40
50
60
70
80
90
100
dBFS
dBc
–40
–30
–20
–10
1420 G03
0
DUAL SUPPLIES
±2.048V RANGE
GAIN = 1
×
fIN = 5MHz
S/(N+D) vs Input Frequency
and Amplitude
Spurious-Free Dynamic Range
vs Input Amplitude
Distortion vs Input Frequency
INPUT FREQUENCY (MHz)
0
–95
–90
–80
–75
–70
10
–50
1420 G04
–85
1
100
–65
–60
–55
THD
3RD
2ND
DUAL SUPPLIES
±2.048V RANGE
GAIN = 1
×
AIN = 0dBFS
Spurious-Free Dynamic Range
vs Input Amplitude
INPUT AMPLITUDE (dBFS)
–50
40
50
60
70
80
90
100
dBFS
–40
–30
–20
–10
1420 G05
0
SINGLE SUPPLY
±1.024V RANGE
GAIN = 2
×
fIN = 5MHz
dBc
Distortion vs Input Frequency
INPUT FREQUENCY (MHz)
0
–95
–90
–80
–75
–70
10
–50
1420 G06
–85
1
100
–65
–60
–55
THD
2ND
3RD
SINGLE SUPPLY
±1.024V RANGE
GAIN = 2
×
AIN = 0dBFS
SFDR vs Input Frequency,
Differential Input
Grounded Input Histogram
INPUT FREQUENCY (MHz)
0.1
–100
–90
–85
–80
–75
–70
–65
1
10
1420 F07
–60
–55
–50
–95
100
DUAL SUPPLIES
±2.048V RANGE
GAIN = 1
×
AIN = 0dBFS
SFDR vs Input Frequency,
Differential Input
INPUT FREQUENCY (MHz)
0.1
–100
–90
–85
–80
–75
–70
–65
1
10
1420 F08
–60
–55
–50
–95
100
SINGLE SUPPLY
±1.024V RANGE
GAIN = 2
×
AIN = 0dBFS
CODE
N – 1
1570
410554
VREF = 4.096V
GAIN = 1
×
N
N + 1
1420 F09
1572



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com