Electronic Components Datasheet Search
  English  ▼

X  

LTC1418ACG Datasheet(PDF) 27 Page - Linear Technology

Part # LTC1418ACG
Description  Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1418ACG Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC1418ACG Datasheet HTML 20Page - Linear Technology LTC1418ACG Datasheet HTML 21Page - Linear Technology LTC1418ACG Datasheet HTML 22Page - Linear Technology LTC1418ACG Datasheet HTML 23Page - Linear Technology LTC1418ACG Datasheet HTML 24Page - Linear Technology LTC1418ACG Datasheet HTML 25Page - Linear Technology LTC1418ACG Datasheet HTML 26Page - Linear Technology LTC1418ACG Datasheet HTML 27Page - Linear Technology LTC1418ACG Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
27
LTC1418
PACKAGE DESCRIPTION Dimensions in inches (millimeters) unless otherwise noted.
N Package
28-Lead PDIP (Narrow 0.300)
(LTC DWG # 05-08-1510)
N28 1197
0.255
± 0.015*
(6.477
± 0.381)
1.370*
(34.789)
MAX
34
5
6
7
8
9
10
11
12
21
13
14
15
16
18
17
19
20
22
23
24
25
26
2
27
1
28
0.020
(0.508)
MIN
0.125
(3.175)
MIN
0.130
± 0.005
(3.302
± 0.127)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.018
± 0.003
(0.457
± 0.076)
0.005
(0.127)
MIN
0.100
± 0.010
(2.540
± 0.254)
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.325
(7.620 – 8.255)
0.325
+0.035
–0.015
+0.889
–0.381
8.255
()
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com