Electronic Components Datasheet Search
  English  ▼

X  

LTC1418CG Datasheet(PDF) 22 Page - Linear Technology

Part # LTC1418CG
Description  Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1418CG Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC1418CG Datasheet HTML 18Page - Linear Technology LTC1418CG Datasheet HTML 19Page - Linear Technology LTC1418CG Datasheet HTML 20Page - Linear Technology LTC1418CG Datasheet HTML 21Page - Linear Technology LTC1418CG Datasheet HTML 22Page - Linear Technology LTC1418CG Datasheet HTML 23Page - Linear Technology LTC1418CG Datasheet HTML 24Page - Linear Technology LTC1418CG Datasheet HTML 25Page - Linear Technology LTC1418CG Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
LTC1418
APPLICATIONS INFORMATION
Figure 22. Internal Conversion Clock Selected. Data Transferred During Conversion Using
the ADC Clock Output as a Master Shift Clock (SCLK Driven from CLKOUT)
two zeros. The MSB (D13) will be valid on the first rising
and the first falling edge of the SCLK. D12 will be valid on
the second rising and the second falling edge as will all
the remaining bits. The data may be captured on either
edge. The largest hold time margin is achieved if data is
captured on the rising edge of SCLK.
BUSY gives the end of conversion indication. When the
LTC1418 is configured as a master serial device, BUSY
can be used as a framing pulse and to three-state the
t15
t14
SCLK
VIL
VOH
VOL
DOUT
1418 F21
Figure 21. SCLK to DOUT Delay
LTC1418
BUSY (= RD)
CLKOUT ( = SCLK)
BUSY
CONVST
CONVST
RD
SCLK
CLKOUT
EXT/INT
DOUT
26
24
23
17
18
20
25
19
DOUT
CS
1418 F22a
µP OR DSP
(CONFIGURED
AS SLAVE)
OR
SHIFT
REGISTER
D12
D11
D11
D12
CAPTURE ON
RISING CLOCK
D13
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
FILL
ZEROS
D13
1
t5
t6
23456789
10
11
12
13
14
15
16
1
2
3
D13
D13
D12
D11
Hi-Z
Hi-Z
DATA N
DATA (N – 1)
(SAMPLE N)
(SAMPLE N + 1)
DOUT
CS = EXT/INT = 0
CLKOUT (= SCLK)
CONVST
t13
tCONV
t8
SAMPLE
HOLD
HOLD
t10
t7
t11
1418 F22b
BUSY (= RD)
t15
t14
CLKOUT
(= SCLK)
VIL
VOH
VOL
DOUT
CAPTURE ON
FALLING CLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com