Electronic Components Datasheet Search
  English  ▼

X  

LTC1441 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1441
Description  Ultralow Power Single/Dual Comparator with Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1441 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1441 Datasheet HTML 4Page - Linear Technology LTC1441 Datasheet HTML 5Page - Linear Technology LTC1441 Datasheet HTML 6Page - Linear Technology LTC1441 Datasheet HTML 7Page - Linear Technology LTC1441 Datasheet HTML 8Page - Linear Technology LTC1441 Datasheet HTML 9Page - Linear Technology LTC1441 Datasheet HTML 10Page - Linear Technology LTC1441 Datasheet HTML 11Page - Linear Technology LTC1441 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1440/LTC1441/LTC1442
APPLICATIONS INFORMATION
2. Calculate the required resistive divider ratio.
Ratio = VREF/VIN
Ratio = 1.182V/4.65V = 0.254
3. Choose the required hysteresis voltage band at the
input VHBIN, in this example 60mV. Calculate the hyster-
esis voltage band referred to the comparator input VHB.
VHB = (VHBIN)(Ratio)
VHB = (60mV)(0.254)
VHB = 15.24mV
4. Choose the values for R3 and R4 to set the hysteresis.
R4 = 2.4M
R3(k
Ω) = VHB = 15k
5. Choose the values for R1 and R2 to set the trip point.
R
V
I
V
A
M
RR
V
V
V
REF
BIAS
IN
REF
HB
1
1 182
1
118
21
2
1
==
=
=
+
−
.
.
µ
RM
V
V
mV
RM
21 18
465
1 182
15
2
1
23 40
=
+
−
=
.
.
.
.
Low Voltage Operation
The guaranteed minimum operating voltage is 2V or
(
±1V). As the total supply voltage is reduced below 2V, the
performance degrades and the supply current falls. Both
the reference and the comparator are still functioning with
supply voltage down to 1.5V. The reference will have
slightly worse temperature coefficient. While the com-
parator would have less output drive and the propagation
delay increases. The useful input voltage range extends
from the negative supply to a little under 1V below the
positive supply, which is slightly closer to the positive rail
than the device operating from higher supply voltages.
TYPICAL APPLICATIONS
V +
2.6M
2-CELL
NiCd
1M
V +
V –
2
1
7
8
6
5
GND
HYST
REF
OUT
LTC1440
1440 TA06
IN+
IN–
3
4
–
+
20k
1.3M
1M
Low Battery Detect Operates Down to 1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com