Electronic Components Datasheet Search
  English  ▼

X  

LTC1448 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1448
Description  Dual 12-Bit Rail-to-Rail Micropower DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1448 Datasheet(HTML) 4 Page - Linear Technology

  LTC1448 Datasheet HTML 1Page - Linear Technology LTC1448 Datasheet HTML 2Page - Linear Technology LTC1448 Datasheet HTML 3Page - Linear Technology LTC1448 Datasheet HTML 4Page - Linear Technology LTC1448 Datasheet HTML 5Page - Linear Technology LTC1448 Datasheet HTML 6Page - Linear Technology LTC1448 Datasheet HTML 7Page - Linear Technology LTC1448 Datasheet HTML 8Page - Linear Technology LTC1448 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1448
CLK (Pin 1): Serial Interface Clock. Internal Schmitt trig-
ger on this input allows direct optocoupler interface.
DIN (Pin 2): Serial Interface Data. Data on the DIN pin is
latched into the shift register on the rising edge of the serial
clock.
CS/LD (Pin 3): Serial Interface Enable and Load Control.
When CS/LD is low the CLK signal is enabled, so the data
can be clocked in. When CS/LD is pulled high, data is
loaded from the shift register into the DAC register,
PIN FUNCTIONS
updating the DAC output and the CLK is disabled
internally.
REF (Pin 4): Reference Input for Both DACs. This pin can
be tied to VCC. The output will swing from 0V to REF. The
typical input resistance is 12.5k.
VOUT A, VOUT B (Pins 5, 8): Buffered DAC Outputs.
GND (Pin 6): Ground.
VCC (Pin 7): Positive Supply Input. 2.7V ≤ VCC ≤ 5.5V.
Requires a bypass capacitor to ground.
TYPICAL PERFORMANCE CHARACTERISTICS
LOAD CURRENT (mA)
0
510
15
1448 G03
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
∆VOUT < 1LSB
CODE: ALL 1’s
VOUT = 4.095V
OUTPUT SINK CURRENT (mA)
0
510
15
1448 G04
800
700
600
500
400
300
200
100
0
CODE: ALL 0’s
125
°C
25
°C
–55
°C
Integral Nonlinearity (INL)
Minimum Supply Headroom for
Full Output Swing vs Load Current
Minimum Output Voltage vs
Output Sink Current
Supply Current vs
Logic Input Voltage
Differential Nonlinearity (DNL)
CODE
0
5
4
3
2
1
0
–1
–2
–3
–4
–5
1024
2048 2560
1448 G01
512
1536
3072 3584 4095
CODE
0
–0.5
–0.4
–0.2
–0.1
0
0.5
0.2
1024
2048 2560
1448 TA02
–0.3
0.3
0.4
0.1
512
1536
3072 3584 4095
LOGIC INPUT VOLTAGE (V)
0
2.0
1.6
1.2
0.8
0.4
0
4
1448 G06
1
2
3
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com