Electronic Components Datasheet Search
  English  ▼

X  

UPD75P238 Datasheet(PDF) 21 Page - NEC

Part # UPD75P238
Description  4-BIT SINGLE CHIP MICROCOMPUTER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P238 Datasheet(HTML) 21 Page - NEC

Back Button UPD75P238 Datasheet HTML 17Page - NEC UPD75P238 Datasheet HTML 18Page - NEC UPD75P238 Datasheet HTML 19Page - NEC UPD75P238 Datasheet HTML 20Page - NEC UPD75P238 Datasheet HTML 21Page - NEC UPD75P238 Datasheet HTML 22Page - NEC UPD75P238 Datasheet HTML 23Page - NEC UPD75P238 Datasheet HTML 24Page - NEC UPD75P238 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
21
µPD75P238
VPP
VDD
5.3
PROGRAM MEMORY READ PROCEDURE
µPD75P238 program memory contents can be read using the following procedure. Reading is performed in
verify mode.
(1)
Unused pins are connected to VSS. The X1 pin is driven low.
(2)
5 V is supplied to the VDD and VPP pins.
(3)
10
µs wait.
(4)
Program memory address zero-clear mode.
(5)
6 V supplied to VDD, and 12.5 V to VPP.
(6)
Program inhibit mode.
(7)
Verify mode. When clock pulses are input to the X1 pin, data is output sequentially, one address per
4-pulse-input cycle.
(8)
Program inhibit mode.
(9)
Program memory address zero-clear mode.
(10) VDD / VPP pin voltage is changed to 5 V.
(11) Power-off.
Steps (2) to (9) of this procedure are shown in Fig. 5-2.
X1
P40 to P43
P50 to P53
MD0
(P30)
MD1
(P31)
MD2
(P32)
MD3
(P33)
Fig. 5-2 Program Memory Read Timing
VDD
VDD +1
VDD
VPP
Data Output
Data Output
"L"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com