Electronic Components Datasheet Search
  English  ▼

X  

LTC1439IG Datasheet(PDF) 21 Page - Linear Technology

Part # LTC1439IG
Description  Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1439IG Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC1439IG Datasheet HTML 17Page - Linear Technology LTC1439IG Datasheet HTML 18Page - Linear Technology LTC1439IG Datasheet HTML 19Page - Linear Technology LTC1439IG Datasheet HTML 20Page - Linear Technology LTC1439IG Datasheet HTML 21Page - Linear Technology LTC1439IG Datasheet HTML 22Page - Linear Technology LTC1439IG Datasheet HTML 23Page - Linear Technology LTC1439IG Datasheet HTML 24Page - Linear Technology LTC1439IG Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
LTC1438/LTC1439
APPLICATIONS INFORMATION
3. I2R losses are predicted from the DC resistances of the
MOSFET, inductor and current sense R. In continuous
mode the average output current flows through L and
RSENSE, but is “chopped” between the topside main
MOSFET and the synchronous MOSFET. If the two
MOSFETs have approximately the same RDS(ON), then
the resistance of one MOSFET can simply be summed
with the resistances of L and RSENSE to obtain I2R
losses. For example, if each RDS(ON) = 0.05Ω, RL =
0.15
Ω and RSENSE = 0.05Ω, then the total resistance is
0.25
Ω. This results in losses ranging from 3% to 10%
as the output current increases from 0.5A to 2A. I2R
losses cause the efficiency to roll off at high output
currents.
4. Transition losses apply only to the topside MOSFET(s)
and only when operating at high input voltages (typically
20V or greater). Transition losses can be estimated from:
Transition Loss
≈ 2.5(VIN)1.85(IMAX)(CRSS)(f)
Other losses including CIN and COUT ESR dissipative
losses, Schottky conduction losses during dead-time,
and inductor core losses, generally account for less
than 2% total additional loss.
Checking Transient Response
The regulator loop response can be checked by looking at
the load transient response. Switching regulators take
several cycles to respond to a step in DC (resistive) load
current. When a load step occurs, VOUT shifts by an
amount equal to (
∆ILOAD)(ESR) where ESR is the effective
series resistance of COUT. ∆ILOAD also begins to charge or
discharge COUT generating the feedback error signal which
forces the regulator loop to adapt to the current change
and return VOUT to its steady-state value. During this
recovery time VOUT can be monitored for overshoot or
ringing which would indicate a stability problem. The ITH
external components shown in Figure 1 will prove ad-
equate compensation for most applications.
A second, more severe transient is caused by switching in
loads with large (> 1
µF) supply bypass capacitors. The
discharged bypass capacitors are effectively put in parallel
with COUT, causing a rapid drop in VOUT. No regulator can
deliver enough current to prevent this problem if the load
Efficiency Considerations
The efficiency of a switching regulator is equal to the
output power divided by the input power times 100%. It is
often useful to analyze individual losses to determine what
is limiting the efficiency and which change would produce
the most improvement. Efficiency can be expressed as:
Efficiency = 100% – (L1 + L2 + L3 + ...)
where L1, L2, etc. are the individual losses as a percentage
of input power.
Although all dissipative elements in the circuit produce
losses, four main sources usually account for most of the
losses in LTC1438/LTC1439 circuits. LTC1438/LTC1439
VINcurrent,INTVCCcurrent,I
2RlossesandtopsideMOSFET
transition losses.
1. The VIN current is the DC supply current given in the
Electrical Characteristics which excludes MOSFET driver
and control currents. VIN current typically results in a
small (<< 1%) loss which increases with VIN.
2. INTVCC current is the sum of the MOSFET driver and
control currents. The MOSFET driver current results
from switching the gate capacitance of the power
MOSFETs. Each time a MOSFET gate is switched from
low to high to low again, a packet of charge dQ moves
from INTVCC to ground. The resulting dQ/dt is a current
out of INTVCC which is typically much larger than the
control circuit current. In continuous mode, IGATECHG =
f(QT + QB), where QT and QB are the gate charges of the
topside and bottom side MOSFETs. It is for this reason
that the large topside and synchronous MOSFETs are
turned off during low current operation in favor of the
small topside MOSFET and external Schottky diode,
allowing efficient, constant-frequency operation at low
output currents.
By powering EXTVCC from an output-derived source,
the additional VIN current resulting from the driver and
control currents will be scaled by a factor of Duty Cycle/
Efficiency. For example, in a 20V to 5V application,
10mA of INTVCC current results in approximately 3mA
of VIN current. This reduces the midcurrent loss from
10% or more (if the driver was powered directly from
VIN) to only a few percent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com