Electronic Components Datasheet Search
  English  ▼

X  

LTC1453 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1453
Description  12-Bit Rail-to-Rail Micropower DACs in SO-8
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1453 Datasheet(HTML) 2 Page - Linear Technology

  LTC1453 Datasheet HTML 1Page - Linear Technology LTC1453 Datasheet HTML 2Page - Linear Technology LTC1453 Datasheet HTML 3Page - Linear Technology LTC1453 Datasheet HTML 4Page - Linear Technology LTC1453 Datasheet HTML 5Page - Linear Technology LTC1453 Datasheet HTML 6Page - Linear Technology LTC1453 Datasheet HTML 7Page - Linear Technology LTC1453 Datasheet HTML 8Page - Linear Technology LTC1453 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1451
LTC1452/LTC1453
ELECTRICAL CHARACTERISTICS
ORDER PART NUMBER
S8 PART MARKING
LTC1451CS8
LTC1452CS8
LTC1453CS8
LTC1451IS8
LTC1452IS8
LTC1453IS8
1451
1452
1453
1451I
1452I
1453I
LTC1451CN8
LTC1452CN8
LTC1453CN8
LTC1451IN8
LTC1452IN8
LTC1453IN8
Consult factory for Military grade parts.
VCC to GND .............................................. – 0.5V to 7.5V
TTL Input Voltage .................................... – 0.5V to 7.5V
VOUT, DOUT .................................... – 0.5V to VCC + 0.5V
REF ................................................ – 0.5V to VCC + 0.5V
Maximum Junction Temperature ......... – 65
°C to 125°C
Operating Temperature Range
Commercial ........................................... 0
°C to 70°C
Industrial ......................................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 4.5V to 5.5V (LTC1451), 2.7V to 5.5V (LTC1452/LTC1453),
internal or external reference (VREF ≤ VCC/2), VOUT and REF unloaded, unless otherwise noted.
TJMAX = 125°C, θJA = 100°C/W (N8)
TJMAX = 125°C, θJA = 150°C/W (S8)
1
2
3
4
8
7
6
5
TOP VIEW
CLK
DIN
CS/LD
DOUT
VCC
VOUT
REF
GND
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
(Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DAC
Resolution
q
12
Bits
DNL
Differential Nonlinearity
Guaranteed Monotonic (Note 2)
q
±0.5
LSB
INL
Integral Nonlinearity
TA = 25°C
±3.5
LSB
(Note 2)
q
±4LSB
VOS
Offset Error
TA = 25°C
±12
mV
q
±18
mV
VOSTC
Offset Error Temperature
±15
µV/°C
Coefficient
VFS
Full-Scale Voltage
When Using Internal Reference, LTC1451, TA = 25°C
4.065
4.095
4.125
V
LTC1451
q
4.045
4.095
4.145
V
External 2.048V Reference, VCC = 5V, LTC1452
q
4.075
4.095
4.115
V
When Using Internal Reference, LTC1453, TA = 25°C
2.470
2.500
2.530
V
LTC1453
q
2.460
2.500
2.540
V
VFSTC
Full-Scale Voltage
When Using Internal Reference, LTC1451
± 0.10
LSB/
°C
Temperature Coefficient
When Using External 2.048V Reference, LTC1452
±0.02
LSB/
°C
When Using Internal Reference, LTC1453
±0.10
LSB/
°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com