Electronic Components Datasheet Search
  English  ▼

X  

LTC1439IGW Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1439IGW
Description  Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1439IGW Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1439IGW Datasheet HTML 12Page - Linear Technology LTC1439IGW Datasheet HTML 13Page - Linear Technology LTC1439IGW Datasheet HTML 14Page - Linear Technology LTC1439IGW Datasheet HTML 15Page - Linear Technology LTC1439IGW Datasheet HTML 16Page - Linear Technology LTC1439IGW Datasheet HTML 17Page - Linear Technology LTC1439IGW Datasheet HTML 18Page - Linear Technology LTC1439IGW Datasheet HTML 19Page - Linear Technology LTC1439IGW Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
16
LTC1438/LTC1439
APPLICATIONS INFORMATION
compatible with the MOSFET gate drive requirements.
When driving standard threshold MOSFETs, the exter-
nal supply must be always present during operation to
prevent MOSFET failure due to insufficient gate drive.
Topside MOSFET Driver Supply (CB, DB)
External bootstrap capacitors CBconnected to the BOOST
1 and BOOST 2 pins supply the gate drive voltages for the
topside MOSFETs. Capacitor CB in the Functional Dia-
gram is charged through diode DB from INTVCC when the
SW1(SW2) pin is low. When one of the topside MOSFETs
is to be turned on, the driver places the CB voltage across
the gate source of the desired MOSFET. This enhances
the MOSFET and turns on the topside switch. The switch
node voltage SW1(SW2) rises to VIN and the BOOST
1(BOOST 2) pin follows. With the topside MOSFET on,
the boost voltage is above the input supply: VBOOST = VIN
+ VINTVCC. The value of the boost capacitor CB needs to
be 100 times that of the total input capacitance of the
topside MOSFET(s). The reverse breakdown on DB must
be greater than VIN(MAX).
Output Voltage Programming
The LTC1438/LTC1439 have pin selectable output voltage
programming. Controller 1 on the LTC1438-ADJ is a
dedicated adjustable controller. The output voltage is
selected by the VPROG1(VPROG2) pin as follows on all of the
other parts:
VPROG1,2 = 0V
VOUT1,2 = 3.3V
VPROG1,2 = INTVCC
VOUT1,2 = 5V
VPROG2 = Open (DC)
VOUT2 = Adjustable
Except for the LTC1438-ADJ, the top of an internal resis-
tive divider is connected to SENSE – 1 pin in Controller 1.
For fixed output voltage applications the SENSE – 1 pin is
connected to the output voltage as shown in Figure 5a.
When using an external resistive divider for an adjustable
regulator, the VPROG2 pin is left open (VPROG1 is internally
left open on the LTC1438-ADJ) and the VOSENSE2 pin is
connected to the feedback resistors as shown in Figure 5b.
The adjustable controller will force the externally attenu-
ated output voltage to 1.19V.
in an efficiency penalty of up to 10% at high input
voltages.
2. EXTVCC connected directly to VOUT. This is the normal
connection for a 5V regulator and provides the highest
efficiency.
3. EXTVCC connected to an output-derived boost network.
For 3.3V and other low voltage regulators, efficiency
gains can still be realized by connecting EXTVCC to an
output-derived voltage which has been boosted to
greater than 4.8V. This can be done with either the
inductive boost winding as shown in Figure 4a or the
capacitive charge pump shown in Figure 4b. The charge
pump has the advantage of simple magnetics.
4. EXTVCC connected to an external supply. If an external
supply is available in the 5V to 10V range (EXTVCC ≤
VIN) it may be used to power EXTVCC providing it is
Figure 4a. Secondary Output Loop and EXTVCC Connection
+
+
+
VIN
VIN
VSEC
VOUT
COUT
1438 F04a
1
µF
RSENSE
•
•
CIN
TGL1
N-CH
OPTIONAL EXTVCC
CONNECTION
5V
≤ VSEC ≤ 9V
N-CH
R5
N-CH
1N4148
LTC1438
LTC1439*
L1
1:1
TGS1*
SW1
BG1
PGND
SGND
SFB1
EXTVCC
R6
*TGS1 ONLY AVAILABLE ON THE LTC1439
+
+
VIN
VIN
VOUT
+
COUT
1438 F04b
1
µF
0.22
µF
RSENSE
CIN
TGL1
N-CH
N-CH
N-CH
VN2222LL
LTC1438
LTC1439*
L1
BAT85
BAT85
BAT85
TGS1*
SW1
BG1
PGND
EXTVCC
*TGS1 ONLY AVAILABLE ON THE LTC1439
Figure 4b. Capacitive Charge Pump for EXTVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com