Electronic Components Datasheet Search
  English  ▼

X  

MMST4124 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MMST4124
Description  NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMST4124 Datasheet(HTML) 3 Page - Diodes Incorporated

  MMST4124_15 Datasheet HTML 1Page - Diodes Incorporated MMST4124_15 Datasheet HTML 2Page - Diodes Incorporated MMST4124_15 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MMST4124
Document number: DS30163 Rev. 9 - 2
3 of 3
www.diodes.com
January 2009
© Diodes Incorporated
MMST4124
Ordering Information (Notes 4 and 6)
Part Number
Case
Packaging
MMST4124-7-F
SOT-323
3000/Tape & Reel
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Date Code Key
Year
1998
1999
2000
2001
2002
2003
2004 2005
2006
2007
2008
2009
2010
2011
2012
2013
2014
2015
Code
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
A
B
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Package Outline Dimensions
Suggested Pad Layout
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product
described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall
assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website,
harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written
approval of the President of Diodes Incorporated.
SOT-323
Dim
Min
Max
Typ
A
0.25
0.40
0.30
B
1.15
1.35
1.30
C
2.00
2.20
2.10
D
-
-
0.65
G
1.20
1.40
1.30
H
1.80
2.20
2.15
J
0.0
0.10
0.05
K
0.90
1.00
1.00
L
0.25
0.40
0.30
M
0.10
0.18
0.11
α
0°
8°
-
All Dimensions in mm
Dimensions
Value (in mm)
Z
2.8
X
0.7
Y
0.9
C
1.9
E
1.0
K1B = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: N = 2002)
M = Month (ex: 9 = September)
K1B
A
M
J
L
D
B C
H
K
G
X
E
Y
C
Z



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com