Electronic Components Datasheet Search
  English  ▼

X  

MDS40 Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # MDS40
Description  Three Phase Bridge Rectifier, 40 Amps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

MDS40 Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  MDS40 Datasheet HTML 1Page - Naina Semiconductor ltd. MDS40 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor Ltd.
MDS40
1
D-95, Sector 63, Noida – 201301, India
•
Tel: 0120-4205450
•
Fax: 0120-4273653
sales@nainasemi.com
•
www.nainasemi.com
Three Phase Bridge Rectifier, 40 Amps
Features
•
Easy connections
•
Excellent power volume ratio
•
Insulated type
Voltage Ratings (TJ = 25
oC unless otherwise noted)
Type
number
Voltage
code
VRRM, Max.
repetitive peak
reverse voltage
(V)
VRSM, Max. non-
repetitive peak
reverse voltage
(V)
IRRM max
@ TJ max
(mA)
MDS40
80
800
900
5.0
100
1000
1100
120
1200
1300
140
1400
1500
160
1600
1700
Electrical Specifications (TJ = 25
oC unless otherwise noted)
Parameters
Conditions
Symbol
Values
Units
Maximum DC output current
TC = 95
oC
IDC
40
A
Forward surge current (non-repetitive), one cycle
f = 50 Hz
IFSM
400
A
Fusing current
I
2t
800
A
2s
Maximum forward voltage drop
IFM = 50A, TJ = 25
oC
VFM
1.1
V
RMS isolation voltage
VISO
3000
V
Thermal and Mechanical Specifications (TJ = 25
oC unless otherwise noted)
Parameters
Symbol
Values
Units
Maximum operating junction temperature range
TJ
- 40 to + 150
oC
Maximum storage temperature range
TSTG
- 40 to + 150
oC
Maximum thermal resistance, junction to case
Rth(J-C)
0.40
oC/W
Mounting torque
to heatsink
F
3 ± 15%
Nm
to terminal
3 ± 15%
Approximate weight
W
100
g
MDS


Similar Part No. - MDS40

ManufacturerPart #DatasheetDescription
logo
GHz Technology
MDS400 GHZTECH-MDS400 Datasheet
28Kb / 1P
400 Watts Pk, 45 Volts, 32us, 2% Avionics 1030-1090 MHz
logo
Shanghai Shunye Electro...
MDS400A08 SHUNYE-MDS400A08 Datasheet
1Mb / 3P
RECTIFIER MODULE
MDS400A10 SHUNYE-MDS400A10 Datasheet
1Mb / 3P
RECTIFIER MODULE
MDS400A12 SHUNYE-MDS400A12 Datasheet
1Mb / 3P
RECTIFIER MODULE
MDS400A14 SHUNYE-MDS400A14 Datasheet
1Mb / 3P
RECTIFIER MODULE
More results

Similar Description - MDS40

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
MDQ40 NAINA-MDQ40 Datasheet
159Kb / 2P
Single Phase Bridge Rectifier, 40 Amps
MDS60 NAINA-MDS60 Datasheet
225Kb / 2P
Three Phase Bridge Rectifier, 60 Amps
MDS110 NAINA-MDS110 Datasheet
282Kb / 2P
Three Phase Bridge Rectifier, 110 Amps
MDS160 NAINA-MDS160 Datasheet
321Kb / 2P
Three Phase Bridge Rectifier, 160 Amps
MDS30 NAINA-MDS30 Datasheet
158Kb / 2P
Three Phase Bridge Rectifier, 30 Amps
MDS200 NAINA-MDS200 Datasheet
304Kb / 2P
Three Phase Bridge Rectifier, 200 Amps
MDS100 NAINA-MDS100 Datasheet
275Kb / 2P
Three Phase Bridge Rectifier, 100 Amps
MDS80 NAINA-MDS80 Datasheet
212Kb / 2P
Three Phase Bridge Rectifier, 80 Amps
MDS70 NAINA-MDS70 Datasheet
212Kb / 2P
Three Phase Bridge Rectifier, 70 Amps
MDS50 NAINA-MDS50 Datasheet
152Kb / 2P
Three Phase Bridge Rectifier, 50 Amps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com