Electronic Components Datasheet Search
  English  ▼

X  

LTC1485 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1485
Description  Differential Bus Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1485 Datasheet(HTML) 1 Page - Linear Technology

  LTC1485 Datasheet HTML 1Page - Linear Technology LTC1485 Datasheet HTML 2Page - Linear Technology LTC1485 Datasheet HTML 3Page - Linear Technology LTC1485 Datasheet HTML 4Page - Linear Technology LTC1485 Datasheet HTML 5Page - Linear Technology LTC1485 Datasheet HTML 6Page - Linear Technology LTC1485 Datasheet HTML 7Page - Linear Technology LTC1485 Datasheet HTML 8Page - Linear Technology LTC1485 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1485
Differential Bus Transceiver
DESCRIPTIO
S
FEATURE
, LTC and LT are registered trademarks of Linear Technology Corporation.
APPLICATI
TYPICAL
DI
RO
4
3
6
7
2
DE
120
Ω
120
Ω
DRIVER
RECEIVER
DE
3
4
RO
DI
2
1
6
7
4000 FT 24 GAUGE TWISTED PAIR
1485 TA01
LTC1485
LTC1485
RECEIVER
DRIVER
RE
RE
8
5V
8
5V
5
5
1
The LTC
®1485 is a low power differential bus/line trans-
ceiver designed for multipoint data transmission standard
RS485 applications with extended common-mode range
(12V to – 7V). It also meets the requirements of RS422.
The CMOS with Schottky design offers significant power
savings over its bipolar counterpart without sacrificing
ruggedness against overload or ESD damage.
The driver and receiver feature three-state outputs, with
the driver outputs maintaining high impedance over the
entire common-mode range. Excessive power dissipation
caused by bus contention or faults is prevented by a
thermal shutdown circuit which forces the driver outputs
into a high impedance state. I/O pins are protected against
multiple ESD strikes of over
±10kV.
The receiver has a fail-safe feature which guarantees a
high output state when the inputs are left open.
Both AC and DC specifications are guaranteed from – 40
°C
to 85
°C and 4.75V to 5.25V supply voltage range.
s
Low Power RS485/RS422 Transceiver
s
Level Translator
S
APPLICATI
s
ESD Protection over
±10kV
s
Low Power: ICC = 1.8mA Typ
s
28ns Typical Driver Propagation Delays with
4ns Skew
s
Designed for RS485 or RS422 Applications
s
Single 5V Supply
s
– 7V to 12V Bus Common-Mode Range Permits
±7V
Ground Difference Between Devices on the Bus
s
Thermal Shutdown Protection
s
Power-Up/Down Glitch-Free Driver Outputs
s
Driver Maintains High Impedance in Three-State or
with the Power Off
s
Combined Impedance of a Driver Output and
Receiver Allows up to 32 Transceivers on the Bus
s
60mV Typical Input Hysteresis
s
Pin Compatible with the SN75176A, DS75176A, and
SN75LBC176


Similar Part No. - LTC1485

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1485 LINER-LTC1485 Datasheet
155Kb / 8P
Ultralow Power RS485 Transceiver with Shutdown
LTC1485 LINER-LTC1485 Datasheet
340Kb / 18P
20Mbps RS485 Transceivers
LTC1485 LINER-LTC1485 Datasheet
188Kb / 12P
Differential Bus Transceiver
logo
Analog Devices
LTC1485 AD-LTC1485 Datasheet
2Mb / 13P
Analog Devices Wiki
7/12/22
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
Differential Bus Transceiver
More results

Similar Description - LTC1485

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
DIFFERENTIAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_01 Datasheet
189Kb / 13P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
DIFFERENTIAL BUS TRANSCEIVER
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com