Electronic Components Datasheet Search
  English  ▼

X  

SH0011D Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SH0011D
Description  SUPER SCHOTTKY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0011D Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SH0011D_15 Datasheet HTML 1Page - Solid States Devices, Inc SH0011D_15 Datasheet HTML 2Page - Solid States Devices, Inc SH0011D_15 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0011D
DOC
ELECTRICAL CHARACTERISTICS
Symbol
Typical
Maximum
Unit
Instantaneous Forward Voltage Drop
(TJ = 25
oC, 300-500
sec pulse)
IF = 10 ADC
IF = 20 ADC
IF = 35 ADC
IF = 45 ADC
VF1a
VF1b
VF1c
VF1d
0.43
0.48
0.54
0.57
0.45
0.52
-
0.70
VDC
Instantaneous Forward Voltage Drop
(TJ = 75
oC, 300-500
sec pulse)
IF = 10 ADC
IF = 20 ADC
IF = 35 ADC
IF = 45 ADC
VF2a
VF2b
VF2c
VF2d
0.38
0.43
0.50
0.55
0.42
-
-
-
VDC
Instantaneous Forward Voltage Drop
(TJ = 100
oC, 300-500
sec pulse)
IF = 10 ADC
IF = 20 ADC
IF = 35 ADC
IF = 45 ADC
VF3a
VF3b
VF3c
VF3d
0.35
0.41
0.49
0.53
-
-
-
-
VDC
Instantaneous Forward Voltage Drop
(TJ = 125
oC, 300-500
sec pulse)
IF = 10 ADC
IF = 20 ADC
IF = 35 ADC
IF = 45 ADC
VF4a
VF4b
VF4c
VF4d
0.32
0.39
0.47
0.52
-
0.45
-
0.65
VDC
Instantaneous Forward Voltage Drop
(TJ = 150
oC, 300-500
sec pulse)
IF = 10 ADC
IF = 20 ADC
IF = 35 ADC
IF = 45 ADC
VF5a
VF5b
VF5c
VF5d
0.30
0.37
0.45
0.50
-
-
-
-
VDC
Instantaneous Forward Voltage Drop
(TJ = -55
oC, 300-500
sec pulse)
IF = 10 ADC
IF = 20 ADC
IF = 35 ADC
IF = 45 ADC
VF6a
VF6b
VF6c
VF6d
0.51
0.55
0.60
0.63
-
-
-
-
VDC
Reverse Leakage Current
(TJ = 25
oC, 300
sec pulse minimum)
VR = 3.3VDC
VR = 25VDC
VR = 35VDC
IR1a
IR1b
IR1c
6.5
15
25
25
100
100
µA
Reverse Leakage Current
(TJ = 75
oC, 300
sec pulse minimum)
VR = 3.3VDC
VR = 25VDC
VR = 35VDC
IR2a
IR2b
IR2c
0.3
0.55
0.9
1
5
5
mA
Reverse Leakage Current
(TJ = 100
oC, 300
sec pulse minimum)
VR = 3.3VDC
VR = 25VDC
VR = 35VDC
IR3a
IR3b
IR3c
1.5
2.5
4.0
-
-
-
mA
Reverse Leakage Current
(TJ = 125
oC, 300
sec pulse minimum)
VR = 3.3VDC
VR = 25VDC
VR = 35VDC
IR4a
IR4b
IR4c
6.5
10
15
20
100
100
mA
Reverse Leakage Current
(TJ = 175
oC, 300
sec pulse minimum)
VR = 3.3VDC
VR = 25VDC
VR = 35VDC
IR5a
IR5b
IR5c
67
105
150
-
-
-
mA
Junction Capacitance
(TJ = 25
oC, f = 1 MHz)
VR = 5VDC
VR = 10VDC
CJ1
CJ2
3000
1450
3750
-
pF
Solid State Devices, Inc.
14701 Firestone Blvd. * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SED45HB25, SED45HE25
SED45HB35, and SED45HE35



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com