Electronic Components Datasheet Search
  English  ▼

X  

LTC1487 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1487
Description  Ultra-Low Power RS485 with Low EMI, Shutdown and High Input Impedance
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1487 Datasheet(HTML) 5 Page - Linear Technology

  LTC1487 Datasheet HTML 1Page - Linear Technology LTC1487 Datasheet HTML 2Page - Linear Technology LTC1487 Datasheet HTML 3Page - Linear Technology LTC1487 Datasheet HTML 4Page - Linear Technology LTC1487 Datasheet HTML 5Page - Linear Technology LTC1487 Datasheet HTML 6Page - Linear Technology LTC1487 Datasheet HTML 7Page - Linear Technology LTC1487 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTC1487
DI (Pin 4): Driver Input. If the driver outputs are enabled
(DE HIGH) then a LOW on DI forces the outputs A LOW and
B HIGH. A HIGH on DI with the driver outputs enabled will
force A HIGH and B LOW.
GND (Pin 5): Ground.
A (Pin 6): Driver Output/Receiver Input.
B (Pin 7): Driver Output/Receiver Input.
VCC (Pin 8): Positive Supply. 4.75V < VCC < 5.25V.
PIN FUNCTIONS
RO (Pin 1): Receiver Output. If the receiver output is
enabled (RE LOW), and A > B by 200mV, RO will be HIGH.
If A < B by 200mV, then RO will be LOW.
RE (Pin 2): Receiver Output Enable. A LOW enables the
receiver output, RO. A HIGH input forces the receiver
output into a high impedance state.
DE (Pin 3): Driver Outputs Enable. A HIGH on DE enables
the driver output. A and B and the chip will function as a line
driver. A LOW input will force the driver outputs into a high
impedance state and the chip will function as a line
receiver. If RE is HIGH and DE is LOW, the part will enter
a low power (1
µA) shutdown state.
Figure 3. Driver/Receiver Timing Test Circuit
Figure 4. Driver Timing Test Load
OUTPUT
UNDER TEST
CL
S1
S2
VCC
500
Ω
LTC1487 • F04
3V
DE
A
B
DI
RDIFF
CL1
CL2
RO
15pF
A
B
RE
LTC1487 • F03
Figure 1. Driver DC Test Load
Figure 2. Receiver Timing Test Load
VOD
A
B
R
R
VOC
LTC1487 • F01
RECEIVER
OUTPUT
CRL
1k
S1
S2
TEST POINT
VCC
1k
LTC1487 • F02
TEST CIRCUITS
LTC1487 Transmitting
INPUTS
OUTPUTS
RE
DE
DI
B
A
X11
0
1
X10
1
0
00
X
Z
Z
1
0
X
Z*
Z*
*Shutdown mode
LTC1487 Receiving
INPUTS
OUTPUTS
RE
DE
A – B
RO
00
≥0.2V
1
00
≤–0.2V
0
0
0
Inputs Open
1
10
X
Z*
*Shutdown mode
FU CTIO TABLES



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com