Electronic Components Datasheet Search
  English  ▼

X  

TS78L12CSRL Datasheet(PDF) 12 Page - Taiwan Semiconductor Company, Ltd

Part # TS78L12CSRL
Description  3-Terminal 100mA Positive Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS78L12CSRL Datasheet(HTML) 12 Page - Taiwan Semiconductor Company, Ltd

Back Button TS78L12CSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS78L12CSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS78L12CSRL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS78L12CSRL Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS78L12CSRL Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS78L12CSRL Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS78L12CSRL Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS78L12CSRL Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd TS78L12CSRL Datasheet HTML 13Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
TS78L00 Series
3-Terminal 100mA Positive Voltage Regulator
12/13
Version: G14
TO-92 Ammo Pack Mechanical Drawing
Tape Dimension
Item Description
Symbol
Dimension
Base of Package to Lead Bend
b
3.0 (typ.)
Component Height
Ha
23.57 (typ.)
Lead Clinch Height
H0
16.0
±0.5
Component Base Height
H1
19.0
±0.5
Component Top to Lead Bend
H2
8.0 (max)
Component Alignment (side / side)
Pd
1.02 (max)
Component Alignment (front / back)
Hd
0.79 (max)
Feed Hole Pitch
P0
12.7
±0.3
Hole Center to Component Center
P1
6.25
±0.4
Lead Spread
F1
2.5
±0.3
Lead Thickness
d
0.46 (typ.)
Cut Lead Length
L
10.9 (max)
Taped Lead Length
L1
5.31 (typ.)
Taped Lead Thickness
t
0.81
±0.2
Carrier Tape Thickness
t1
0.5
±0.2
Carrier Tape Width
W
18.0
±0.5
Hold – down Tape Width
W0
0.5
±0.2
Hold – down Tape position
W1
9.0
±0.7
Feed Hole Position
W2
6.0
±0.2
Sprocket Hole Diameter
D0
4.0
±0.2
Lead Spring Out
S
0.1 (max)
Note: All dimensions are in millimeter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com