Electronic Components Datasheet Search
  English  ▼

X  

LTC1475CS8 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1475CS8
Description  Low Quiescent Current High Efficiency Step-Down Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1475CS8 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1475CS8 Datasheet HTML 12Page - Linear Technology LTC1475CS8 Datasheet HTML 13Page - Linear Technology LTC1475CS8 Datasheet HTML 14Page - Linear Technology LTC1475CS8 Datasheet HTML 15Page - Linear Technology LTC1475CS8 Datasheet HTML 16Page - Linear Technology LTC1475CS8 Datasheet HTML 17Page - Linear Technology LTC1475CS8 Datasheet HTML 18Page - Linear Technology LTC1475CS8 Datasheet HTML 19Page - Linear Technology LTC1475CS8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LTC1474/LTC1475
TYPICAL APPLICATION
14745fa LT/TP 0398 4K REV A • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1997
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1096/LTC1098
Micropower Sampling 8-Bit Serial I/O A/D Converter
IQ = 80µA Max
LT1121/LT1121-3.3/LT1121-5
150mA Low Dropout Regulator
Linear Regulator, IQ = 30µA
LTC1174/LTC1174-3.3/LTC1174-5 High Efficiency Step-Down and Inverting DC/DC Converters
Selectable IPEAK = 300mA or 600mA
LTC1265
1.2A High Efficiency Step-Down DC/DC Converter
Burst Mode Operation, Internal MOSFET
LT1375/LT1376
1.5A 500kHz Step-Down Switching Regulators
500kHz, Small Inductor, High
Efficiency Switchers, 1.5A Switch
LTC1440/LTC1441/LTC1442
Ultralow Power Comparator with Reference
IQ = 2.8µA Max
LT1495/LT1496
1.5
µA Precision Rail-to-Rail Op Amps
IQ = 1.5µA Max
LT1521/LT1521-3/LT1521-3.3/
300mA Low Dropout Regulator
Linear Regulator, IQ = 12µA
LT1521-5
LTC1574/LTC1574-3.3/LTC1574-5 High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode
LTC1174 with Internal Schottky Diode
LT1634-1.25
Micropower Precision Shunt Reference
IQ(MIN) = 10µA
Figure 19. Pushbutton On/Off with Low Battery Lockout
1474/75 F19
VIN
GND
SENSE
LBI/OFF
ON
VFB
LBO
SW
LTC1475
6
3
8
1
2
5
7
4
100k
1.02M
1%
OFF
ON
4.7
µF**
35V
0.1
µF
VIN
3.5V to 18V
1M
1%
1.8M
10pF
L*
100
µH
D1
MBR0530
+
+
100
µF†
6.3V
VOUT
2.5V
250mA
1M
MMBT2N2222LT1
1M
* SUMIDA CDRH73-101
** AVX TPSC475M035
† AVX TPSC107M006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com