Electronic Components Datasheet Search
  English  ▼

X  

TS79M05CPRO Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS79M05CPRO
Description  3-Terminal 500mA Negative Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS79M05CPRO Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS79M05CPRO Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS79M05CPRO Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS79M05CPRO Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS79M05CPRO Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS79M05CPRO Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS79M05CPRO Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS79M05CPRO Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS79M00 Series
3-Terminal 500mA Negative Voltage Regulator
1/7
Version: D14
TO-220
TO-252
(DPAK)
General Description
The TS79M00 series of fixed output negative voltage regulators are intended as complements to the popular
TS78M00 series device. These negative regulators are available in the same seven-voltage options as the TS7900
devices. In addition, one extra voltage option commonly employed in MECL systems is also available in the negative
TS79M00 Series. Available in fixed output voltage options from -5.0 to -24 volts, these regulators employ current
limiting, thermal shutdown, and safe-area compensation--making them remarkably rugged under most operating
conditions. With adequate heat sinking they can deliver output currents in excess of 0.5 ampere.
Features
●
Output Voltage: -5 & -12V
●
Output current up to 0.5A
●
No external components required
●
Internal thermal overload protection
●
Internal short-circuit current limiting
●
Output transistor safe-area compensation
●
Output voltage offered in 4% tolerance
Standard Application Circuit
Ordering Information
Part No.
Package
Packing
TS79MxxCZ C0
TO-220
50pcs / Tube
TS79MxxCP RO
TO-252
2.5Kpcs / 13” Reel
Note: Refer to detail ordering information table.
Absolute Maximum Ratings (T
A = 25ºC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Input Voltage
VIN
-35
V
Power Dissipation
PD
Internal Limited
W
Operating Junction Temperature
TJ
0~+125
oC
Storage Temperature Range
TSTG
-65~+150
oC
Thermal Resistance - Junction to Case
TO-220
RӨJC
5
oC/W
TO-252
6
Thermal Resistance - Junction to Ambient
TO-220
RӨJA
65
oC/W
TO-252
92
Note: Follow the derating curve
A common ground is required between the input and the
output voltages. The input voltage must remain typically
2.0V above the output voltage even during the low point on
the Input ripple voltage.
XX = these two digits of the type number indicate voltage.
* = Cin is required if regulator is located an appreciable
distance from power supply filter.
** = Co is not needed for stability; however, it does improve
transient response.
Pin Definition:
1. Ground
2. Input (tab)
3. Output


Similar Part No. - TS79M05CPRO

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS79M05CP TSC-TS79M05CP Datasheet
169Kb / 7P
3-Terminal Medium Current Negative Voltage Regulator
More results

Similar Description - TS79M05CPRO

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS79M00A TSC-TS79M00A Datasheet
494Kb / 10P
3-Terminal 500mA Negative Voltage Regulator
logo
Cystech Electonics Corp...
PL7908XE3 CYSTEKEC-PL7908XE3 Datasheet
149Kb / 4P
3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SI79XXA SECOS-SI79XXA Datasheet
466Kb / 5P
3-Terminal Negative Voltage Regulator
SJ79XX SECOS-SJ79XX Datasheet
457Kb / 5P
3-Terminal Negative Voltage Regulator
SM79L06 SECOS-SM79L06 Datasheet
340Kb / 2P
3-Terminal Negative Voltage Regulator
SM79L18 SECOS-SM79L18 Datasheet
356Kb / 2P
3-Terminal Negative Voltage Regulator
logo
Taiwan Semiconductor Co...
TS79M00 TSC-TS79M00_10 Datasheet
273Kb / 7P
3-Terminal 500mA Negative Voltage Regulator
logo
List of Unclassifed Man...
NJM79L05UA-TE1 ETC2-NJM79L05UA-TE1 Datasheet
246Kb / 7P
3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
New Japan Radio
NJM7918FA NJRC-NJM7918FA Datasheet
427Kb / 8P
3-TERMINAL NEGATIVE VOLTAGE REGULATOR
NJM7906FA NJRC-NJM7906FA Datasheet
426Kb / 7P
3-TERMINAL NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com