Electronic Components Datasheet Search
  English  ▼

X  

TS317L Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TS317L
Description  3-Terminal Adjustable Positive Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS317L Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

Back Button TS317L Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS317L Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS317L Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS317L Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS317L Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS317L Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS317L Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS317L Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS317L Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TS317L
3-Terminal Adjustable Positive Voltage Regulator
6/10
Version: C14
Application information
Basic Circuit Operation
The TS317L is a 3-terminal floating regulator. In operation, the TS317L develops and maintains a nominal 1.25V reference (VREF)
between its output and adjustment terminals. This reference voltage is converted to a programming current (IPROG.) by R1 (see
Figure 17), and this constant current flows through R2 to ground. The regulated output voltage is given by:
VOUT= VREF ( 1 + R2 / R1 ) + IADJ * R2
Since the current from the adjustment terminal (IADJ) represents an error term in the equation, the TS317L was designed to control
IADJ to less than 100µA and keep it constant. To do this, all quiescent operating current is returned to the output terminal. This
imposes the requirement for a minimum load current. If the load current is less than this minimum, the output voltage will rise.
Since the TS317L is a floating regulator, it is only the voltage differential across the circuit which is important to performance, and
operation at high voltages with respect to ground is possible.
Figure 17. Basic Circuit Configuration
Figure 18. Voltage Regulator with Protection Diode
Protection Diode
When external capacitors are used with any I.C. regulator it is sometimes necessary to add protection diodes to prevent the
capacitors from discharging through low current points into the regulator.
Figure 18 shows the TS317L with the recommended protection diodes for output voltages in excess of 25 V or high capacitance
values (Co > 25µF, CADJ > 10µF). Diode D1 prevents Co from discharging thru the I.C. during an input short circuit. Diode D2
protects against capacitor CADJ discharging through the I.C. during an output short circuit. The combination of diodes D1 and D2
prevents CADJ from discharging through the I.C. during an input short circuit.
Load Regulation
The TS317L is capable of providing extremely good load regulation, but a few precautions are needed to obtain maximum
performance. For best performance, the programming resistor (R1) should be connected as close to the regulator as possible to
minimize line drops which effectively appear in series with the reference, thereby degrading regulation. The ground end of R2 can
be returned near the load ground to provide remote ground sensing and improve load regulation.
External Capacitor
A 0.1µF disc or 1µF tantalum input bypass capacitor (CIN) is recommended to reduce the sensitivity to input line impedance.
The adjustment terminal may be bypassed to ground to improve ripple rejection. This capacitor (CADJ) prevents ripple from being
amplified as the output voltage is rejection about 15dB at 120HZ in a 10V application.
Although the TS317L is stable with no output capacitance, like any feedback circuit, certain values of external capacitance can
cause excessive ringing. An output increased. A 10µF capacitor should improve ripple capacitance (Co) in the form of a 1µF
tantalum or 25µF aluminum electrolytic capacitor on the output swamps this effect and insures stability.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com