Electronic Components Datasheet Search
  English  ▼

X  

TS103 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS103
Description  Dual Operational Amplifiers And Voltage Reference
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS103 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS103 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS103 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS103 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS103 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS103 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS103 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TS103
Dual Operational Amplifiers And
Voltage Reference
3/6
Version: C12
Electrical Characteristics (Operating Conditions: VCC = +5V, TA= 25°C unless otherwise specified)
Parameters
Conditions
Min.
Typ.
Max.
Unit
OP AMP 2 Section (VCC= 5V, VO= 1.4V, TA= 25°C, unless otherwise noted)
Input Offset Voltage
TA = 25°C (TS103)
--
0.5
3
mV
TA = 25°C (TS103A)
--
0.5
2
TA = -40 to 85°C
--
--
5
Input Offset Voltage
Temperature Drift
TA = -40 to 85°C
--
7
--
µV/°C
Input Bias Current
TA = 25°C
--
20
150
nA
Input Voltage Range
VCC = 0~18V
0
00
Vcc-
1.5
V
Large Signal Voltage Gain
VCC = 15V, RL = 2kΩ,
VO = 1.4 to 11.4V
85
100
--
dB
Power Supply Rejection Ratio
VCC = 5 to l8V
70
90
--
dB
Output Current
Source
VCC = 15V, VID = 1V, VO = 2V
20
40
--
mA
Sink
VCC = 15V, VID = -1V, VO = 2V
10
20
--
mA
Output Voltage Swing (High)
VCC = 18V, RL = 10kΩ, VID = 1V
16
16.5
--
V
Output Voltage Swing (Low)
VCC = 18V, RL = 10kΩ, VID = -1V
--
17
100
mV
Slew Rate
VCC = 18V, RL = 2kΩ, A
V
= 1,
V
IN
= 0.5 to 2V, CL = 100pF
0.2
0.5
--
V/µs
Gain Bandwidth Product
VCC = 18V, RL = 2kΩ, CL = 100pF
VIN = 10mV, f = 100kHz
0.5
1
--
MHz
Function Block Diagram
OP AMP Function Block Diagram (Each Amplifier)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com