Electronic Components Datasheet Search
  English  ▼

X  

LT3575 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3575
Description  Isolated Flyback Converter without an Opto-Coupler
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3575 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3575_15 Datasheet HTML 16Page - Linear Technology LT3575_15 Datasheet HTML 17Page - Linear Technology LT3575_15 Datasheet HTML 18Page - Linear Technology LT3575_15 Datasheet HTML 19Page - Linear Technology LT3575_15 Datasheet HTML 20Page - Linear Technology LT3575_15 Datasheet HTML 21Page - Linear Technology LT3575_15 Datasheet HTML 22Page - Linear Technology LT3575_15 Datasheet HTML 23Page - Linear Technology LT3575_15 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT3575
21
3575f
12V Isolated Flyback Converter
SHDN/UVLO
TC
SS
SW
VC
GND
BIAS
LT3575
3575 TA06
R6
59k
R5
10k
VIN
12V
VOUT
12V, 700mA
VOUT
–
VIN
3:1
D1
VIN
R1
499k
R2
71.5k
C1
10μF
C5
47μF
T1
40.5μH
4.5μH
T1: COILTRONICS VP3-0055-R
D1: PDS835L
D2: PMEG6010
R4
6.04k
R3
178k
C2
10nF
C3
22nF
R7
7.87k
TEST
RILIM
RFB
RREF
D2
C6
0.22μF
R8
1k
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com