Electronic Components Datasheet Search
  English  ▼

X  

TS1117BCPROG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS1117BCPROG
Description  1A Low Dropout Positive Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1117BCPROG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS1117BCPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1117BCPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1117BCPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1117BCPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1117BCPROG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1117BCPROG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1117BCPROG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1117BCPROG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS1117B
1A Low Dropout Positive Voltage Regulator
1/8
Version: F14
TO-252
(DPAK)
SOT-223
SOP-8
General Description
TS1117B are high performance positive voltage regulators are designed for use in applications requiring low
dropout performance at full rated current, Additionally, TS1117B provides excellent regulation over variations due
to changes in line, load and temperature. Outstanding features include low dropout performance at rated current,
fast transient response, internal current limiting and thermal shutdown protection of the output device. TS1117B
are three terminal regulators with fixed and adjustable voltage options available in popular packages.
Features
●
Low Dropout Performance 1.5V max.
●
Fill Current Rating Over Line and Temperature
●
Fast Transient Response
●
Built-in thermal shutdown
●
Output Current Limit
●
Line Regulation Typical 0.2%
●
Load Regulation Typical 0.05%
●
Low-ESR Ceramic Capacitor (MLCC) Required
for Stability.
●
Good Ripple Rejection
Ordering Information
Part No.
Package
Packing
TS1117BCPxx ROG
TO-252
2.5kpcs / 13” Reel
TS1117BCWxx RPG
SOT-223
2.5kpcs / 13” Reel
TS1117BCSxx RLG
SOP-8
2.5kpcs / 13” Reel
Note: Refer to detail ordering information table.
“G” denotes Halogen Free Products
Typical Application Circuit
Fixed Output Voltage Version
VOUT = VREF(1+R2/R1) + Iadj R2
Adjustable Output Voltage Version
Block Diagram
Pin Definition:
1. Fixed / Adj
2. Output (Tab)
3. Input
Pin Definition:
1. Fixed / Adj
8. N/C
2. Output
7. Output
3. Output
6. Output
4. Input
5. N/C


Similar Part No. - TS1117BCPROG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1117BCPROG TSC-TS1117BCPROG Datasheet
324Kb / 9P
1A Low Dropout Positive Voltage Regulator
TS1117BCPROG TSC-TS1117BCPROG Datasheet
462Kb / 7P
1A Low Dropout Positive Voltage Regulator
Version: H1607
More results

Similar Description - TS1117BCPROG

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
1A Low Dropout Positive Voltage Regulator
LM1117-1.5J3 CYSTEKEC-LM1117-1.5J3 Datasheet
383Kb / 7P
1A Low Dropout Positive Voltage Regulator
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
1A Low Dropout Positive Voltage Regulator
LM1117-1.5M3 CYSTEKEC-LM1117-1.5M3 Datasheet
372Kb / 7P
1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com