Electronic Components Datasheet Search
  English  ▼

X  

TS2937 Datasheet(PDF) 9 Page - Taiwan Semiconductor Company, Ltd

Part # TS2937
Description  500mA Ultra Low Dropout Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2937 Datasheet(HTML) 9 Page - Taiwan Semiconductor Company, Ltd

Back Button TS2937_13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2937_13 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2937_13 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2937_13 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2937_13 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2937_13 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2937_13 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2937_13 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS2937_13 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TS2937
500mA Ultra Low Dropout Voltage Regulator
9/10
Version: D13
SOT-223 Mechanical Drawing
Unit: Millimeters
Marking Diagram
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
XX
= Voltage Code
(3.3=3.3V, 5.0=5V, 12=12V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com