Electronic Components Datasheet Search
  English  ▼

X  

LTC1520 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1520
Description  50Mbps Precision Quad Line Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1520 Datasheet(HTML) 4 Page - Linear Technology

  LTC1520 Datasheet HTML 1Page - Linear Technology LTC1520 Datasheet HTML 2Page - Linear Technology LTC1520 Datasheet HTML 3Page - Linear Technology LTC1520 Datasheet HTML 4Page - Linear Technology LTC1520 Datasheet HTML 5Page - Linear Technology LTC1520 Datasheet HTML 6Page - Linear Technology LTC1520 Datasheet HTML 7Page - Linear Technology LTC1520 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1520
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (Hz)
10
42.0
42.5
43.5
44.0
44.5
46.5
LTC1520 G04
43.0
1k
100k
10M
45.0
45.5
46.0
TA = 25°C
CMRR vs Frequency
INPUT COMMON MODE (V)
0
0
15
2
4
5
LTC1520 G03
10
5
13
20
25
TA = 25°C
VID = 500mV
Figure 1. Propagation Delay Test Circuit and Waveforms
B1 (Pin 1): Receiver 1 Inverting Input.
A1 (Pin 2): Receiver 1 Noninverting Input.
RO1 (Pin 3): Receiver 1 Output.
Enable (Pin 4): Receiver Output Enable Pin. A logic high
input enables the receiver outputs. A logic low input
forces the receiver outputs into a high impedance state.
Do not float.
RO2 (Pin 5): Receiver 2 Output.
A2 (Pin 6): Receiver 2 Noninverting Input.
B2 (Pin 7): Receiver 2 Inverting Input.
GND (Pin 8): Ground Pin. A ground plane is recommended
for all LTC1520 applications.
B3 (Pin 9): Receiver 3 Inverting Input.
A3 (Pin 10): Receiver 3 Noninverting Input.
RO3 (Pin 11): Receiver 3 Output.
NC (Pin 12): No Connection.
RO4 (Pin 13): Receiver 4 Output.
A4 (Pin 14): Receiver 4 Noninverting Input.
B4 (Pin 15): Receiver 4 Inverting Input.
VDD (Pin 16): 5V Supply Pin. This pin should be decoupled
with a 0.1
µF ceramic capacitor as close as possible to the
pin. Recommended: VDD = 5V ±5%.
PIN FUNCTIONS
Propagation Delay (tPLH/tPHL)
vs Input Common Mode
SWITCHI G TI E WAVEFOR S
–
+
INPUT
2.5V
OUTPUT
15pF
1520 F01b
1/4 LTC1520
2.5V
2.5V
VDD/2
VDD/2
3V
2V
INPUT
OUTPUT
tPLH
tPHL
1520 F01



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com