Electronic Components Datasheet Search
  English  ▼

X  

TS7900 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS7900
Description  3-Terminal Fixed Negative Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS7900 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS7900_13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS7900_13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS7900_13 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS7900_13 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS7900_13 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS7900_13 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS7900 Series
3-Terminal Fixed Negative Voltage Regulator
1/6
Version: F13
TO-220
ITO-220
General Description
The TS7900 series of fixed output negative voltage regulators are intended as complements to the popular TS7800
series device. These negative regulators are available in the same seven-voltage options as the TS7900 devices.
In addition, one extra voltage option commonly employed in MECL systems is also available in the negative
TS7900 Series. Available in fixed output voltage options from -5.0 to -24 volts, these regulators employ current
limiting, thermal shutdown, and safe-area compensation--making them remarkably rugged under most operating
conditions. With adequate heat sinking they can deliver output currents in excess of 1 ampere.
Features
●
Output Voltage: -5 & -12V
●
Output current up to 1A
●
No external components required
●
Internal thermal overload protection
●
Internal short-circuit current limiting
●
Output transistor safe-area compensation
●
Output voltage offered in 4% tolerance
Standard Application Circuit
A common ground is required between the input and
the output voltages. The input voltage must remain
typically 2.0V above the output voltage even during the
low point on the Input ripple voltage.
XX = these two digits of the type number indicate
voltage.
* = Cin is required if regulator is located an appreciable
distance from power supply filter.
** = Co is not needed for stability; however, it does
improve transient response.
Ordering Information
Part No.
Package
Packing
TS79xxCZ C0
TO-220
50pcs / Tube
TS79xxCZ C0G
TO-220
50pcs / Tube
TS79xxCI C0
ITO-220
50pcs / Tube
TS79xxCI C0G
ITO-220
50pcs / Tube
Note: Where xx denote voltage option
05=-5V, 12=-12V
“G” denote for Green Product Halogen Free
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Input Voltage
VIN
-35
V
Power Dissipation
PD
Internal Limited
W
Operating Junction Temperature Range
TJOPR
0 ~ +125
oC
Junction Temperature
TJ
+150
oC
Storage Temperature Range
TSTG
-65~+150
oC
Thermal Resistance - Junction to Case
TO-220
RӨJC
3
oC/W
ITO-220
5
Thermal Resistance - Junction to Ambient
TO-220
RӨJA
50
oC/W
ITO-220
60
Note: * Follow the derating curve
Pin Definition:
1. Ground
2. Input (tab)
3. Output


Similar Part No. - TS7900_13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS7900 TSC-TS7900_10 Datasheet
280Kb / 8P
3-Terminal Fixed Negative Voltage Regulator
TS7900 TSC-TS7900_12 Datasheet
202Kb / 6P
3-Terminal Fixed Negative Voltage Regulator
More results

Similar Description - TS7900_13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS7900 TSC-TS7900 Datasheet
171Kb / 7P
3-Terminal Fixed Negative Output Voltage Regulator
TS7900A TSC-TS7900A Datasheet
156Kb / 7P
3-Terminal Fixed Negative Output Voltage Regulator
logo
List of Unclassifed Man...
OM7642SM ETC2-OM7642SM Datasheet
32Kb / 4P
SURFACE MOUNT NEGATIVE VOLTAGE REGULATOR, 3-TERMINAL, FIXED VOLTAGE
logo
Taiwan Semiconductor Co...
TS7900 TSC-TS7900_07 Datasheet
502Kb / 11P
3-Terminal Fixed Negative Voltage Regulator
TS7900A TSC-TS7900A_07 Datasheet
517Kb / 11P
3-Terminal Fixed Negative Voltage Regulator
TS7900B TSC-TS7900B Datasheet
517Kb / 11P
3-Terminal Fixed Negative Voltage Regulator
logo
SeCoS Halbleitertechnol...
SI79XXA SECOS-SI79XXA Datasheet
466Kb / 5P
3-Terminal Negative Voltage Regulator
logo
Taiwan Semiconductor Co...
TS7900 TSC-TS7900_10 Datasheet
280Kb / 8P
3-Terminal Fixed Negative Voltage Regulator
TS7900 TSC-TS7900_12 Datasheet
202Kb / 6P
3-Terminal Fixed Negative Voltage Regulator
logo
New Japan Radio
NJM7906FA NJRC-NJM7906FA Datasheet
426Kb / 7P
3-TERMINAL NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com