Electronic Components Datasheet Search
  English  ▼

X  

TS9011 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS9011
Description  250mA Low Quiescent Current CMOS LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9011 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS9011 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9011 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9011 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9011 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9011 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS9011 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS9011 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TS9011
Taiwan Semiconductor
Document Number: DS_P0000182
4
Version: G15
FUNCTION BLOCK DIAGRAM
ELECTRICAL CHARACTERICS CURVES (T
A=25
oC, unless otherwise noted)
Figure 1. Output Voltage vs. Output Current
Figure 2. Output Voltage vs. Input Voltage
Figure 3. Quiescent Current vs. Input Voltage
Figure 4. Short Circuit Current vs. Input Voltage



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com