Electronic Components Datasheet Search
  English  ▼

X  

TS9015 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS9015
Description  300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9015 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS9015_13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9015_13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9015_13 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9015_13 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9015_13 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TS9015
300mA CMOS LDO
0.9V Adjustable Voltage with Enable Function
3/5
Version: D08
Detailed Description
The TS9015 of CMOS regulators contain a PMOS pass transistor, voltage reference, error amplifier, over-current
protection and thermal shutdown. During normal operation, the error amplifier compares the output voltage to a
precision reference. Over-current and Thermal shutdown circuits become active when the junction temperature
exceeds 150
o
C, or the current exceeds 300mA. During thermal shutdown, the output voltage remains low. Normal
operation is restored when the junction temperature drops below 100
o
C. The TS9015 switches from voltage mode
to current mode when the load exceeds the rated output current.
External Capacitors
The TS9015 is stable with an output capacitor to ground of 2.2uF or greater. Ceramic capacitors have the lowest
ESR, and will offer the best AC performance. Conversely, Aluminum Electrolytic capacitors exhibit the highest ESR,
resulting in the poorest AC response. Unfortunately, large value ceramic capacitors are comparatively expensive.
One option is to parallel a 0.1uF ceramic capacitor with a 10uF Aluminum Electrolytic. The benefit is low ESR, high
capacitance, and low overall cost. A second capacitor is recommended between the input and ground to stabilize
VIN. The input capacitor should be at least 0.1uF to have a beneficial effect.
All capacitors should be placed in close proximity to the pins. A "Quiet" ground termination is desirable. This can be
achieved with a "Star" connection.
Enable
The Enable pin normally floats high. When actively, pulled low, the PMOS pass transistor shuts off, and all internal
circuits are powered down. In this state, the quiescent current is less than 1mA. This pin behaves much like an
electronic switch.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com