Electronic Components Datasheet Search
  English  ▼

X  

TS9013 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS9013
Description  500mA Low Quiescent Current CMOS LDO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9013 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS9013 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9013 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9013 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9013 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9013 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TS9013
500mA Low Quiescent Current CMOS LDO
1/5
Version: G13
SOT-89
SOT-223
General Description
TS9013 is a positive voltage regulator developed utilizing CMOS technology featured very low power
consumption, low dropout voltage and high output voltage accuracy. Built in low on-resistor provides low dropout
voltage and large output current. A 2.2uF or greater can be used as an output capacitor.
TS9013 are prevented device failure under the worst operation condition with both thermal shutdown and current
fold-back. These series are recommended for configuring portable devices and large current application,
respectively.
Features
●
Output current up to 500mA
●
Low power consumption, 15uA(typ) @Vo=5V
●
Output voltage
±2%
●
Internal current limit
●
Thermal shutdown protection
Ordering Information
Note: Refer to detail ordering information table.
Part No.
Package
Packing
TS9013xCW RP
SOT-223
2.5Kpcs / 13” Reel
TS9013xCW RPG
SOT-223
2.5Kpcs / 13” Reel
TS9013xCY RM
SOT-89
1Kpcs / 7” Reel
TS9013xCY RMG
SOT-89
1Kpcs / 7” Reel
Applications
●
Palmtops
●
Video recorders
●
Battery powered equipment
●
PC peripherals
●
CD-ROM, DVD ROM
● Digital signal camera
Typical Application Circuit
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
Input Supply Voltage
VIN
12
V
Recommend Operating Input Voltage
VIN
10
V
Output Current
Io
500
mA
Power Dissipation (without heat sink)
SOT-89
PD
0.5
W
SOT-223
0.7
Operating Junction Temperature Range
Tj
-40 ~ +150
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
5
S
Notes: Stress above the listed absolute rating may cause permanent damage to the device.
Pin Definition:
1. Ground
2. Input
3. Output
Pin Definition:
1. Input
2. Ground
3. Output


Similar Part No. - TS9013

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9013 TSC-TS9013 Datasheet
116Kb / 3P
500mA CMOS Low Dropout Voltage Regulator
TS9013 TSC-TS9013 Datasheet
111Kb / 5P
500mA Low Quiescent Current CMOS LDO
TS90135CW TSC-TS90135CW Datasheet
116Kb / 3P
500mA CMOS Low Dropout Voltage Regulator
TS90135CY TSC-TS90135CY Datasheet
116Kb / 3P
500mA CMOS Low Dropout Voltage Regulator
TS9013ACW TSC-TS9013ACW Datasheet
116Kb / 3P
500mA CMOS Low Dropout Voltage Regulator
More results

Similar Description - TS9013

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
Low Quiescent Current 500mA UCap LDO Regulator
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_07 Datasheet
269Kb / 6P
250mA Low Quiescent Current CMOS LDO
logo
Micrel Semiconductor
MIC5239 MICREL-MIC5239_07 Datasheet
773Kb / 14P
Low Quiescent Current 500mA 關Cap LDO Regulator
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_10 Datasheet
237Kb / 7P
250mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_11 Datasheet
111Kb / 5P
500mA Low Quiescent Current CMOS LDO
TS9011PCT TSC-TS9011PCT Datasheet
237Kb / 7P
250mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_13 Datasheet
111Kb / 5P
500mA Low Quiescent Current CMOS LDO
logo
BCD Semiconductor Manuf...
AP2138,9 BCDSEMI-AP2138,9 Datasheet
988Kb / 25P
ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_15 Datasheet
399Kb / 7P
250mA Low Quiescent Current CMOS LDO
logo
Diodes Incorporated
AP2138 DIODES-AP2138 Datasheet
780Kb / 29P
ULTRA LOW QUIESCENT CURRENT CMOS LDO
Rev. 5 - 2 August 2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com