Electronic Components Datasheet Search
  English  ▼

X  

LTC1530C Datasheet(PDF) 22 Page - Linear Technology

Part # LTC1530C
Description  High Power Synchronous Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1530C Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC1530C Datasheet HTML 16Page - Linear Technology LTC1530C Datasheet HTML 17Page - Linear Technology LTC1530C Datasheet HTML 18Page - Linear Technology LTC1530C Datasheet HTML 19Page - Linear Technology LTC1530C Datasheet HTML 20Page - Linear Technology LTC1530C Datasheet HTML 21Page - Linear Technology LTC1530C Datasheet HTML 22Page - Linear Technology LTC1530C Datasheet HTML 23Page - Linear Technology LTC1530C Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
LTC1530
LTC1530 Synchronous SEPIC Converter
LOAD CURRENT (A)
0
0.1
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1530 TA08b
4.0
100
90
80
70
60
50
40
30
20
10
0
TA = 25°C
VIN = 8V
VIN = 4V
Efficiency vs Load Current
GND
FB
1
4
5
5
2
4
6
6
7
8
3
2
3
1
SHDN
SW
VIN
VC
R8
33k
R7
300k
R6
2.2M
CC
0.22
µF
C1
1000pF
C6
100pF
C9
4.7
µF
D1
MBR0520
Q1
N-MOSFET
D2
1N4148
Q2
P-MOSFET
L1B
•
•
L1A
L2
10
µH
VOUT
5V
4A
VOUT
COUT
C2
10
µF
1530 TA08a
R9
5.6
Ω
C8
4.7
µF
C7
3000pF
+
+
C4
0.1
µF
C3
10
µF
+
+
+
+
C5
4.7
µF
+
RC
4.7k
R1
2.2k
R5
20
Ω
RSENSE
0.02
Ω
VIN
4V TO 8V
CIN
CFLY
IFB
PVCC IMAX
LTC1530-ADJ
LT1317
VSENSE
R3
3.09k
R4
1k
R2
10k
GND
G1
G2
4
8
7
3
1
LTC1693-3
CIN, COUT = 3× SANYO 10MV1200GX
CFLY = 2× SANYO 16SA150MK
L1 = COILTRONIX CTX02-13198-1
(L1A = 1,2,3
→ 7,8,9; L1B = 10,11,12 → 4,5,6)
L2 = SUMIDA CD43-100
Q1 = SILICONIX N-MOSFET SI4420DY
Q2 = SILICONIX P-MOSFET SI4425DY
RSENSE = DALE LVR-3 3W
COMP
1,2,3
4,5,6
10,11,12
7,8,9
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com