Electronic Components Datasheet Search
  English  ▼

X  

LTC1531 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1531
Description  Self-Powered Isolated Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1531 Datasheet(HTML) 3 Page - Linear Technology

  LTC1531 Datasheet HTML 1Page - Linear Technology LTC1531 Datasheet HTML 2Page - Linear Technology LTC1531 Datasheet HTML 3Page - Linear Technology LTC1531 Datasheet HTML 4Page - Linear Technology LTC1531 Datasheet HTML 5Page - Linear Technology LTC1531 Datasheet HTML 6Page - Linear Technology LTC1531 Datasheet HTML 7Page - Linear Technology LTC1531 Datasheet HTML 8Page - Linear Technology LTC1531 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC1531
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
SHDN Input High Voltage
VCC = 4.5V
q
2.4
V
VIL
SHDN Input Low Voltage
VCC = 5.5V
q
0.8
V
VOH
DATA, VALID, ZCDATA Output High Voltage
VCC = 4.5V, IO = – 400µA
q
3.0
4.3
V
VOL
DATA, VALID, ZCDATA Output Low Voltage
VCC = 4.5V, IO = 1.6mA
q
0.2
0.4
V
IINL, IINH
SHDN Low or High Level Input Current
VIN = 5V, 0V
q
±1
µA
dV/dt
Continuous dV/dt Rejection
(Note 8)
q
50
70
V/
µs
CISO
2pF
Note 4: The sample rate, fSAMPLE, varies with loading on VPW and VREG.
Note 5: Load on CMPOUT pulls current from VREG when CMPOUT is high.
Note 6: Value derived from 1 second test.
Note 7: Zero-cross hysteresis is the minimum amount of signal amplitude
above or below 0V differential to retrigger the zero-cross comparator.
Note 8: Parameter not tested but guaranteed by design.
TYPICAL PERFORMANCE CHARACTERISTICS
TIME (ms)
0
2.5
3.3
0
1531 F02
20
10
30
40
VCC = 5V, CVPW = 1µF
IVREG = 100µA, TA = 25°C
NOTE: NONPERIODIC SAMPLES DUE TO DEPENDENCE
ON VPW > 3.3V AND THE POWER-LISTEN CYCLE
SAMPLING
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The sample rate is not continuous, but depends on VPW charging
rate. See Applications Information.
Note 3: See Applications Information for further description of the
comparator switched-capacitor input circuit.
Figure 2. VREG and VPW vs Time
(IVREG = 100µA)
Figure 1. VPW Power-Up and
VREG Samples vs Time
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C, VCC = 5V.
TIME (ms)
0
3.3
2.5
1531 F01
100
200
300
NOTES: VRIPPLE DEPENDS ON CVPW AND IVPW + IVREG
tSAMPLE DEPENDS ON IVPW + IVREG
tSAMPLE
VREG
VPW
VCC = 5V
CVPW = 1µF
IVREG = 5mA
TA = 25°C
VRIPPLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com