Electronic Components Datasheet Search
  English  ▼

X  

TS19378 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS19378
Description  2A Buck (Step-down) WLED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19378 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS19378 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19378 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19378 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19378 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19378 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19378 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19378 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS19378
Taiwan Semiconductor
Document Number: DS_P0000199
3
Version: B15
ORDERING INFORMATION
PART NO.
PACKAGE
PACKING
TS19378CS RLG
SOP-8EP
2,500pcs / 13” Reel
Note:
1.
Compliant to RoHS Directive 2011/65/EU and in accordance to WEEE 2002/96/EC.
2.
Halogen-free according to IEC 61249-2-21 definition.
FUNCTION BLOCK
PIN DESCRIPTION
PIN NO.
NAME
FUNCTION
1
EN/SS
EN: Output stage enable control pin. It can be left floating for normally on.
SS: Supplied shutdown or soft start function.
2
GND
Ground return for all internal circuitry.
3
VGATE
Gate drive for external N-CH MOSFET.
4
VCC
Power supply pin for all internal circuitry.
5
SW
SW is the output of the internal driver switch. Connected for package exposed pad
6
OVP
Output voltage protection.
7
FB
Feedback pin. Reference voltage is VFB=0.2V.
8
COM
Output pin of error amplifier.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com