Electronic Components Datasheet Search
  English  ▼

X  

LTC1543 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1543
Description  Software-Selectable Multiprotocol Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1543 Datasheet(HTML) 5 Page - Linear Technology

  LTC1543 Datasheet HTML 1Page - Linear Technology LTC1543 Datasheet HTML 2Page - Linear Technology LTC1543 Datasheet HTML 3Page - Linear Technology LTC1543 Datasheet HTML 4Page - Linear Technology LTC1543 Datasheet HTML 5Page - Linear Technology LTC1543 Datasheet HTML 6Page - Linear Technology LTC1543 Datasheet HTML 7Page - Linear Technology LTC1543 Datasheet HTML 8Page - Linear Technology LTC1543 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC1543
C1– (Pin 1): Capacitor C1 Negative Terminal. Connect a
1
µF capacitor between C1+ and C1–.
C1+ (Pin 2): Capacitor C1 Positive Terminal. Connect a
1
µF capacitor between C1+ and C1–.
VDD (Pin 3): Generated Positive Supply Voltage for
V.28. Connect a 1
µF capacitor to ground.
VCC (Pin 4): Positive Supply Voltage Input. 4.75V ≤ VCC
≤ 5.25V. Bypass with a 1µF capacitor to ground.
D1 (Pin 5): TTL Level Driver 1 Input.
D2 (Pin 6): TTL Level Driver 2 Input.
D3 (Pin 7): TTL Level Driver 3 Input.
R1 (Pin 8): CMOS Level Receiver 1 Output.
R2 (Pin 9): CMOS Level Receiver 2 Output.
R3 (Pin 10): CMOS Level Receiver 3 Output.
M0 (Pin 11): TTL Level Mode Select Input 0 with Pull-Up
to VCC.
M1 (Pin 12): TTL Level Mode Select Input 1 with Pull-Up
to VCC.
M2 (Pin 13): TTL Level Mode Select Input 2 with Pull-Up
to VCC.
DCE/DTE (Pin 14): TTL Level Mode Select Input with Pull-
Up to VCC.
PIN FUNCTIONS
R3 B (Pin 15): Receiver 3 Noninverting Input with Pull-Up
to VCC.
R3 A (Pin 16): Receiver 3 Inverting Input.
R2 B (Pin 17): Receiver 2 Noninverting Input.
R2 A (Pin 18): Receiver 2 Inverting Input.
D3/R1 B (Pin 19): Receiver 1 Noninverting Input and
Driver 3 Noninverting Output.
D3/R1 A (Pin 20): Receiver 1 Inverting Input and Driver 3
Inverting Output.
D2 B (Pin 21): Driver 2 Noninverting Output.
D2 A (Pin 22): Driver 2 Inverting Output.
D1 B (Pin 23): Driver 1 Noninverting Output.
D1 A (Pin 24): Driver 1 Inverting Output.
GND (Pin 25): Ground.
VEE (Pin 26): Negative Supply Voltage. Connect a 3.3µF
capacitor to GND.
C2 – (Pin 27): Capacitor C2 Negative Terminal. Connect a
1
µF capacitor between C2+ and C2–.
C2 + (Pin 28): Capacitor C2 Positive Terminal. Connect a
1
µF capacitor between C2+ and C2–.
Figure 1. V.11 Driver Test Circuit
Figure 2. V.11 Driver/Receiver AC Test Circuit
A
B
1543 F01
VOD
VOC
RL
50
Ω
RL
50
Ω
A
B
A
R
B
1543 F02
RL
100
Ω
CL
100pF
CL
100pF
15pF
TEST CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com