Electronic Components Datasheet Search
  English  ▼

X  

GLP-473 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # GLP-473
Description  BLUE DIODE PUMPED SPOLID STATE LASER POINTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

GLP-473 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  GLP-473 Datasheet HTML 1Page - Roithner LaserTechnik GmbH GLP-473 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
21.08.2013
GLP-473 series
1 of 2
GLP-473 series
TECHNICAL DATA
BLUE DIODE PUMPED SPOLID STATE LASER POINTER
All solid state 593.5 nm laser pointer of compact size, long lifetime, and low cost.
Specifications
Type
YLP-1
Unit
Optical Specification
Wavelength
473±1
nm
Output Power
0.6 … 50
mW
Transverse Mode
Near TEM00
Beam Divergence (full angle)
< 1.5
mrad
Beam Diameter (at the aperature)
~ 1.5
mm
Switch
Push Button
Surface color
Blue
Power Supply
2 x CR2 3V lithium batteries
Expected Lifetime
5000
hours
Max. continuous ON time
Device must be turned off if warmed considerably
Warranty period
6 months
year


Similar Part No. - GLP-473

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
GLP-405 ROITHNER-GLP-405 Datasheet
69Kb / 1P
Violet LASER POINTER
GLP-447 ROITHNER-GLP-447 Datasheet
68Kb / 2P
Portable Blue Diode Laserpointer
More results

Similar Description - GLP-473

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
CW473-1-80MW ROITHNER-CW473-1-80MW Datasheet
128Kb / 2P
BLUE DIODE PUMPED SOLID STATE LASER MODULE
RLTMBL-457 ROITHNER-RLTMBL-457 Datasheet
323Kb / 4P
Green Diode Pumped Solid State Laser
RLTMBL-H-473 ROITHNER-RLTMBL-H-473 Datasheet
226Kb / 5P
Blue Diode Pumped Solid State Laser
RLTMGL-532 ROITHNER-RLTMGL-532 Datasheet
411Kb / 5P
Green Diode Pumped Solid State Laser
RLTMGL-593 ROITHNER-RLTMGL-593 Datasheet
196Kb / 5P
Yellow Diode Pumped Solid State Laser
RLTMLL-532 ROITHNER-RLTMLL-532 Datasheet
169Kb / 4P
Green Diode Pumped Solid State Laser
RLTMLL-671 ROITHNER-RLTMLL-671 Datasheet
160Kb / 3P
Green Diode Pumped Solid State Laser
RLTMRL-660 ROITHNER-RLTMRL-660 Datasheet
226Kb / 4P
Red Diode Pumped Solid State Laser
RLTMRL-671 ROITHNER-RLTMRL-671 Datasheet
302Kb / 4P
Green Diode Pumped Solid State Laser
LP-450 ROITHNER-LP-450 Datasheet
78Kb / 2P
Blue Diode Laser Pointer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com