Electronic Components Datasheet Search
  English  ▼

X  

LTC1545 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1545
Description  Software-Selectable Multiprotocol Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1545 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1545 Datasheet HTML 8Page - Linear Technology LTC1545 Datasheet HTML 9Page - Linear Technology LTC1545 Datasheet HTML 10Page - Linear Technology LTC1545 Datasheet HTML 11Page - Linear Technology LTC1545 Datasheet HTML 12Page - Linear Technology LTC1545 Datasheet HTML 13Page - Linear Technology LTC1545 Datasheet HTML 14Page - Linear Technology LTC1545 Datasheet HTML 15Page - Linear Technology LTC1545 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC1545
1545fa LT/TP 1199 2K REV A • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1998
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
G Package
36-Lead Plastic SSOP (0.209)
(LTC DWG # 05-08-1640)
G36 SSOP 1098
0.13 – 0.22
(0.005 – 0.009)
0
° – 8°
0.55 – 0.95
(0.022 – 0.037)
5.20 – 5.38**
(0.205 – 0.212)
7.65 – 7.90
(0.301 – 0.311)
1234 5 6 7 8 9 10 11 12
14 15 16 17 18
13
12.67 – 12.93*
(0.499 – 0.509)
25
26
22 21 20 19
23
24
27
28
29
30
31
32
33
34
35
36
1.73 – 1.99
(0.068 – 0.078)
0.05 – 0.21
(0.002 – 0.008)
0.65
(0.0256)
BSC
0.25 – 0.38
(0.010 – 0.015)
NOTE: DIMENSIONS ARE IN MILLIMETERS
DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.152mm (0.006") PER SIDE
DIMENSIONS DO NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.254mm (0.010") PER SIDE
*
**
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1321
Dual RS232/RS485 Transceiver
Two RS232 Driver/Receiver Pairs or Two RS485 Driver/Receiver Pairs
LTC1322
Dual RS232/RS485 Transceiver
Four RS232 Driver/Receiver Pairs or Two RS485 Driver/Receiver Pairs
LTC1334
Single 5V RS232/RS485 Multiprotocol Transceiver
Two RS232 Driver/Receiver Pairs or Four RS232 Driver/Receiver Pairs
LTC1335
Dual RS232/RS485 Transceiver
Four RS232 Driver/Receiver Pairs or Two RS485 Driver/Receiver Pairs
LTC1343
Software-Selectable Multiprotocol Transceiver
4-Driver/4-Receiver for Data and Clock Signals
LTC1344A
Software-Selectable Cable Terminator
Perfect for Terminating the LTC1543
LTC1345
Single Supply V.35 Transceiver
3-Driver/3-Receiver for Data and Clock Signals
LTC1346A
Dual Supply V.35 Transceiver
3-Driver/3-Receiver for Data and Clock Signals
LTC1543
Software-Selectable Multiprotocol Transceiver
Companion to LTC1544/LTC1545 for Data and Clock Signals
LTC1544
Software-Selectable Multiprotocol Transceiver
4-Driver/4-Receiver for Control Signals
LTC1387
Single 5V RS232/RS485 Multiprotocol Transceiver
Two RS232 Driver/Receiver Pairs or One RS485 Driver/Receiver Pair



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com