Electronic Components Datasheet Search
  English  ▼

X  

LTC1546C Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1546C
Description  Software-Selectable Multiprotocol Transceiver with Termination
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1546C Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1546C Datasheet HTML 12Page - Linear Technology LTC1546C Datasheet HTML 13Page - Linear Technology LTC1546C Datasheet HTML 14Page - Linear Technology LTC1546C Datasheet HTML 15Page - Linear Technology LTC1546C Datasheet HTML 16Page - Linear Technology LTC1546C Datasheet HTML 17Page - Linear Technology LTC1546C Datasheet HTML 18Page - Linear Technology LTC1546C Datasheet HTML 19Page - Linear Technology LTC1546C Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
LTC1546
Figure 31. Controller-Selectable Multiprotocol DTE/DCE Port with DB-25 Connector
D2
D1
LTC1544
D3
R2
R1
R4
R3
LTC1546
DTE_TXD/DCE_RXD
DTE_SCTE/DCE_RXC
DTE_TXC/DCE_TXC
DTE_RXC/DCE_SCTE
DTE_RXD/DCE_TXD
DTE_RTS/DCE_CTS
DTE_DTR/DCE_DSR
DTE_DCD/DCE_DCD
DTE_DSR/DCE_DTR
DTE_CTS/DCE_RTS
DTE_LL/DCE_LL
M0
M1
M2
DCE/DTE
VCC
VDD
VCC
VEE
GND
2
14
24
11
15
12
17
9
3
1
4
19
20
8
23
10
6
22
5
13
18
7
16
1546 F31
C2
1
µF
C1
1
µF
C5
1
µF
C3
1
µF
C4
3.3
µF
SCTE B
RTS A
RTS B
DTR A
DTR B
CTS A
CTS B
DSR A
DSR B
CTS A
CTS B
LL A
SG
SHIELD
DB-25
CONNECTOR
DCD A
DCD B
DSR A
DSR B
RTS A
RTS B
LL A
DCD A
DCD B
DTR A
DTR B
D4
VCC
5V
CHARGE
PUMP
28
3
1
2
4
5
6
7
8
9
10
11
12
13
14
1
2
3
4
5
6
7
8
10
9
INVERT
15
16
17
18
19
20
21
22
23
24
25
NC
27
26
25
24
23
22
21
20
19
18
17
16
15
26
27
28
C11
1
µF
C10
1
µF
C9
1
µF
M0
M1
M2
DCE/DTE
11
12
13
14
M0
M1
M2
DCE/DTE
D1
T
T
T
T
T
D2
D3
R1
R2
R3
TXD A
TXD B
TXC A
RXC A
RXD A
TXC B
RXC B
RXD B
TXC A
SCTE A
TXD A
TXC B
SCTE B
TXD B
SCTE A
RXC B
RXD A
DTE
DCE
RXD B
RXC A
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com