Electronic Components Datasheet Search
  English  ▼

X  

LTC1550 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1550
Description  Low Noise, Switched Capacitor Regulated Voltage Inverters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1550 Datasheet(HTML) 5 Page - Linear Technology

  LTC1550 Datasheet HTML 1Page - Linear Technology LTC1550 Datasheet HTML 2Page - Linear Technology LTC1550 Datasheet HTML 3Page - Linear Technology LTC1550 Datasheet HTML 4Page - Linear Technology LTC1550 Datasheet HTML 5Page - Linear Technology LTC1550 Datasheet HTML 6Page - Linear Technology LTC1550 Datasheet HTML 7Page - Linear Technology LTC1550 Datasheet HTML 8Page - Linear Technology LTC1550 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1550/LTC1551
TYPICAL PERFORMANCE CHARACTERISTICS
Spot Noise
(See Figure 2, COUT = 10µF)
FREQUENCY (kHz)
1
0.01
1
0.1
10
10
100
LTC1550/51 • G12
VCC = 5V
IL = 5mA
CIN = 4.7µF
COUT = 10µF
CL = 0.1µF
Output Spectrum
(See Figure 2, COUT = 22µF)
FREQUENCY (Hz)
100k
90
80
70
60
50
40
30
20
10
0
–10
1M
10M
LT1550/51 • G13
VCC = 5V
IL = 5mA
CIN 4.7µF
COUT = 22µF
CL = 0.1µF
Spot Noise
(See Figure 2, COUT = 22µF)
FREQUENCY (kHz)
1
0.01
1
0.1
10
10
100
LTC1550/51 • G14
VCC = 5V
IL = 5mA
CIN = 4.7µF
COUT = 22µF
CL = 0.1µF
PIN FUNCTIONS
SHDN: Shutdown (TTL Compatible). This pin is active low
(SHDN) for the LTC1550 and active high (SHDN) for the
LTC1551. When this pin is at VCC (GND for LTC1551), the
LTC1550 operates normally. When SHDN is pulled low
(high for LTC1551), the LTC1550 enters shutdown mode.
In shutdown, the charge pump stops, the output collapses
to 0V, and the quiescent current drops typically to 0.2
µA.
VCC: Power Supply. VCC requires an input voltage between
4.5V and 6.5V for the fixed voltage LTC1550CS8-4.1/
LTC1551CS8-4.1. The adjustable voltage LTC1550CGN/
LTC1550IGN operates with a VCC range of 2.7V to 6.5V.
Output voltage and output load current conditions depend
on the VCC supply voltage. Consult the Electrical Charac-
teristics table and Typical Performance Characteristics for
guaranteed test points. The difference between the input
voltage and output should never be set to exceed 14V or
damage to the chip may occur. VCC must be bypassed to
PGND (GND for 8-pin packages) with at least a 0.1
µF
capacitor placed in close proximity to the chip. A 4.7
µF or
larger bypass capacitor is recommended to minimize
noise and ripple at the output.
C1+: C1 Positive Input. Connect a 0.1
µFcapacitorbetween
C1+ and C1–.
VOUT: Negative Voltage Output. This pin must be bypassed
to ground with a 4.7
µF or larger capacitor to ensure
regulator loop stability. At least 10
µF is recommended to
provide specified output ripple. An additional 0.1
µF low
ESR capacitor is recommended to minimize high fre-
quency spikes at the output.
C1–: C1 Negative Input. Connect a 0.1
µF capacitor from
C1+ to C1–.
GND: Ground. Connect to a low impedance ground. A
ground plane will help minimize regulation errors.
CPOUT: Negative Charge Pump Output. This pin requires a
0.1
µF storage capacitor to ground.
SENSE: Connect to VOUT. The LTC1550/LTC1551 internal
regulator uses this pin to sense the output voltage. For
optimum regulation, SENSE should be connected close to
the output load.
SSOP PACKAGE ONLY
PGND: Power Ground. Connect to a low impedance ground.
PGND should be connected to the same potential as
AGND.
AGND: Analog Ground. Connect to a low impedance
ground. AGND should be connected to a ground plane to
minimize regulation errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com